Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF9952QTRPBF Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF9952QTRPBF
Descripción Electrónicos  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF9952QTRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF9952QTRPBF Datasheet HTML 1Page - International Rectifier IRF9952QTRPBF Datasheet HTML 2Page - International Rectifier IRF9952QTRPBF Datasheet HTML 3Page - International Rectifier IRF9952QTRPBF Datasheet HTML 4Page - International Rectifier IRF9952QTRPBF Datasheet HTML 5Page - International Rectifier IRF9952QTRPBF Datasheet HTML 6Page - International Rectifier IRF9952QTRPBF Datasheet HTML 7Page - International Rectifier IRF9952QTRPBF Datasheet HTML 8Page - International Rectifier IRF9952QTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF9952QPbF
www.irf.com
4
Fig 5. Normalized On-Resistance
Vs. Temperature
Fig 8. Maximum Avalanche Energy
Vs. Drain Current
Fig 6. Typical On-Resistance Vs. Drain
Current
Fig 7. Typical On-Resistance Vs. Gate
Voltage
N-Channel
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
2.2A
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0369
12
15
A
I
= 3.5A
D
GS
V
, Gate-to-Source Voltage (V)
0
20
40
60
80
100
25
50
75
100
125
150
J
A
Starting T , Junction Temperature (°C)
I
TOP
0.89A
1.6A
BOTTOM 2.0A
D
0.04
0.06
0.08
0.10
0.12
0
2
4
6
8
10
12
A
I , Drain Current (A)
D
V
= 10V
GS
V
= 4.5V
GS


Número de pieza similar - IRF9952QTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9952QPBF IRF-IRF9952QPBF Datasheet
280Kb / 10P
   HEXFET Power MOSFET
IRF9952QPBF IRF-IRF9952QPBF_10 Datasheet
269Kb / 10P
   HEXFETPOWERMOSFET
More results

Descripción similar - IRF9952QTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com