Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV23C Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BAV23C
Descripción Electrónicos  Dual high-voltage switching diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV23C Datasheet(HTML) 5 Page - NXP Semiconductors

  BAV23C Datasheet HTML 1Page - NXP Semiconductors BAV23C Datasheet HTML 2Page - NXP Semiconductors BAV23C Datasheet HTML 3Page - NXP Semiconductors BAV23C Datasheet HTML 4Page - NXP Semiconductors BAV23C Datasheet HTML 5Page - NXP Semiconductors BAV23C Datasheet HTML 6Page - NXP Semiconductors BAV23C Datasheet HTML 7Page - NXP Semiconductors BAV23C Datasheet HTML 8Page - NXP Semiconductors BAV23C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BAV23_SER_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 19 March 2010
5 of 13
NXP Semiconductors
BAV23 series
Dual high-voltage switching diodes
(1) Tamb = 150 C
(2) Tamb =85 C
(3) Tamb =25 C
(4) Tamb = 40 C
Based on square wave currents.
Tj =25 C; prior to surge
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Non-repetitive peak forward current as a
function of pulse duration; maximum values
(1) Tamb = 150 C
(2) Tamb =85 C
(3) Tamb =25 C
(4) Tamb = 40 C
Fig 3.
Reverse current as a function of reverse voltage; typical values
VF (V)
0
1.6
1.2
0.4
0.8
006aab212
200
400
600
IF
(mA)
0
(1)
(3)
(4)
(2)
mbg703
10
1
102
IFSM
(A)
10−1
tp (μs)
1104
103
10
102
006aab213
102
IR
(
μA)
VR (V)
0
250
200
100
150
50
10
1
10−1
10−2
10−3
10−4
10−5
(4)
(1)
(2)
(3)


Número de pieza similar - BAV23C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAV23C DIODES-BAV23C Datasheet
172Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 7 - 2
logo
Jiangsu High diode Semi...
BAV23C HDSEMI-BAV23C Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
Guangdong Youtai Semico...
BAV23C UMW-BAV23C Datasheet
723Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Diodes Incorporated
BAV23C DIODES-BAV23C Datasheet
84Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 11 - 2
logo
Vishay Siliconix
BAV23C VISHAY-BAV23C Datasheet
106Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.5, 13-Feb-18
More results

Descripción similar - BAV23C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAV23 PHILIPS-BAV23_15 Datasheet
306Kb / 13P
   Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Nexperia B.V. All right...
BAV23A-Q NEXPERIA-BAV23A-Q Datasheet
208Kb / 10P
   Dual high-voltage switching diodes
4 April 2022
BAV23S-Q NEXPERIA-BAV23S-Q Datasheet
206Kb / 10P
   Dual high-voltage switching diodes
2 February 2022
logo
Comchip Technology
ABAV23A-HF COMCHIP-ABAV23A-HF Datasheet
547Kb / 4P
   Dual High-Voltage Switching Diodes
REV:A
logo
Nexperia B.V. All right...
BAV23 NEXPERIA-BAV23 Datasheet
678Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
BAV23C NEXPERIA-BAV23C Datasheet
665Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
logo
NXP Semiconductors
BAV23 NXP-BAV23 Datasheet
306Kb / 13P
   Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Nexperia B.V. All right...
BAV23-Q NEXPERIA-BAV23-Q Datasheet
214Kb / 10P
   Dual high-voltage switching diodes
2 February 2022
BAV23C-Q NEXPERIA-BAV23C-Q Datasheet
206Kb / 10P
   Dual high-voltage switching diodes
2 February 2022
BAV23A NEXPERIA-BAV23A Datasheet
665Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com