Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG609BR Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADG609BR
Descripción Electrónicos  3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG609BR Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG609BR Datasheet HTML 4Page - Analog Devices ADG609BR Datasheet HTML 5Page - Analog Devices ADG609BR Datasheet HTML 6Page - Analog Devices ADG609BR Datasheet HTML 7Page - Analog Devices ADG609BR Datasheet HTML 8Page - Analog Devices ADG609BR Datasheet HTML 9Page - Analog Devices ADG609BR Datasheet HTML 10Page - Analog Devices ADG609BR Datasheet HTML 11Page - Analog Devices ADG609BR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADG608/ADG609
REV. A
–9–
A2
VOUT
VSS
VDD
D
VS
* SIMILAR CONNECTION FOR ADG609
A1
A0
EN
GND
ADG608
*
S1
S8
S2 THRU S7
VIN
+2.4V
50
RL
300
CL
35pF
VSS
VDD
ADDRESS
DRIVE (VIN)
3V
VOUT
tOPEN
80%
80%
0V
Test Circuit 6. Break-Before-Make Delay, tOPEN
3V
50%
OUTPUT
0.9V0
50%
tON (EN)
0.9V0
0V
V0
0V
tOFF (EN)
ENABLE
DRIVE (VIN)
A2
VOUT
VSS
VDD
D
VS
* SIMILAR CONNECTION FOR ADG609
A1
A0
EN
GND
ADG608
*
S1
S2 THRU S8
VIN
50
RL
300
CL
35pF
VSS
VDD
Test Circuit 7. Enable Delay, tON (EN), tOFF (EN)
∆ VOUT
3V
VOUT
LOGIC
INPUT (VIN)
QINJ = CL x ∆VOUT
0V
A2
VOUT
VSS
VDD
D
* SIMILAR CONNECTION FOR ADG609
A1
A0
EN
GND
ADG608
*
VIN
CL
1nF
VSS
VDD
S
RS
VS
Test Circuit 8. Charge Injection


Número de pieza similar - ADG609BR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG609BR AD-ADG609BR Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BR AD-ADG609BR Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BR AD-ADG609BR Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BR AD-ADG609BR Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BR AD-ADG609BR Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results

Descripción similar - ADG609BR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRUZ AD-ADG608BRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRZ AD-ADG608BRZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com