Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2N2907ARUB Datasheet(Hoja de datos) 3 Page - STMicroelectronics

No. de Pieza. 2N2907ARUB
Descripción  Hi-Rel 60 V, 0.6 A PNP transistor
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

 
 3 page
background image
DocID15382 Rev 6
3/21
2N2907AHR
Electrical ratings
21
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
CBO
Collector-base voltage (I
E
= 0)
-60
V
V
CEO
Collector-emitter voltage (I
B
= 0)
-60
V
V
EBO
Emitter-base voltage (I
C
= 0)
-5
V
I
C
Collector current
for TO-18
for LCC-3 and UB
-0.6
-0.5
A
A
P
TOT
Total dissipation at T
amb
≤ 25 °C
ESCC:
TO-18
LCC-3 and UB
LCC-3 and UB
(1)
JANS:
UB
Total dissipation at T
case
≤ 25 °C
ESCC:
TO-18
1.
When mounted on a 15 x 15 x 0.6 mm ceramic substrate.
0.4
0.4
0.73
0.5
1.8
W
Total dissipation at T
sp(IS)
= 25 °C
JANS:
UB
1
T
stg
Storage temperature
-65 to 200
°C
T
J
Max. operating junction temperature
200
°C
Table 3. Thermal data
Symbol
Parameter
LCC-3
UB
TO-18
Unit
R
thJC
Thermal resistance junction-case (max) for JANS
-
-
°C/W
Thermal resistance junction-case (max) for
ESCC
-97
Rt
hJSP(IS)
Thermal resistance junction-solder pad (infinite
sink) (max)
for JANS
90
-
Thermal resistance junction-solder pad (infinite
sink) (max)
for ESCC
--
R
thJA
Thermal resistance junction-ambient (max) for
JANS
325
-
Thermal resistance junction-ambient (max) for
ESCC
437
240
(1)
1.
When mounted on a 15 x 15 x 0.6 mm ceramic substrate.
437




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl