Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79618DCQR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS79618DCQR
Descripción Electrónicos  Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79618DCQR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79618DCQR Datasheet HTML 5Page - Texas Instruments TPS79618DCQR Datasheet HTML 6Page - Texas Instruments TPS79618DCQR Datasheet HTML 7Page - Texas Instruments TPS79618DCQR Datasheet HTML 8Page - Texas Instruments TPS79618DCQR Datasheet HTML 9Page - Texas Instruments TPS79618DCQR Datasheet HTML 10Page - Texas Instruments TPS79618DCQR Datasheet HTML 11Page - Texas Instruments TPS79618DCQR Datasheet HTML 12Page - Texas Instruments TPS79618DCQR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
V
OUT
+ VREF
1)
R1
R2
GND
EN
NR
IN
OUT
V
IN
V
OUT
0.01
µF
TPS796xx
2.2
µF
1
µF
TPS796
www.ti.com
SLVS351O – SEPTEMBER 2002 – REVISED NOVEMBER 2013
APPLICATION INFORMATION
The TPS796xx family of low-dropout (LDO) regulators
For example, the TPS79630 exhibits 40
μVRMS of
has
been
optimized
for
use
in
noise-sensitive
output voltage noise using a 0.1
μF ceramic bypass
equipment.
The
device
features
extremely
low
capacitor and a 10
μF ceramic output capacitor. Note
dropout voltages, high PSRR, ultralow output noise,
that the output starts up slower as the bypass
low quiescent current (265
μA typically), and enable
capacitance increases due to the RC time constant at
input to reduce supply currents to less than 1
μA
the bypass pin that is created by the internal 250k
when the regulator is turned off.
resistor and external capacitor.
A typical application circuit is shown in Figure 22.
Board Layout Recommendation to Improve
PSRR and Noise Performance
To improve ac measurements like PSRR, output
noise, and transient response, it is recommended that
the board be designed with separate ground planes
for VIN and VOUT, with each ground plane connected
only at the ground pin of the device. In addition, the
Figure 22. Typical Application Circuit
ground connection for the bypass capacitor should
connect directly to the ground pin of the device.
External Capacitor Requirements
Regulator Mounting
Although not required, it is good analog design
The tab of the SOT223-6 package is electrically
practice to place a 0.1
μF to 2.2μF capacitor near the
connected to ground. For best thermal performance,
input of the regulator to counteract reactive input
the tab of the surface-mount version should be
sources. A 2.2
μF or larger ceramic input bypass
soldered directly to a circuit-board copper area.
capacitor, connected between IN and GND and
Increasing the copper area improves heat dissipation.
located close to the TPS796xx, is required for stability
and improves transient response, noise rejection, and
Solder pad footprint recommendations for the devices
ripple rejection. A higher-value input capacitor may be
are presented in an application bulletin Solder Pad
necessary if large, fast-rise-time load transients are
Recommendations
for
Surface-Mount
Devices,
anticipated and the device is located several inches
literature number AB-132, available for download
from the power source.
from the TI web site (www.ti.com).
Like most low dropout regulators, the TPS796xx
Programming the TPS79601 Adjustable LDO
requires an output capacitor connected between OUT
Regulator
and GND to stabilize the internal control loop. The
minimum recommended capacitor is 1
μF. Any 1μF or
The output voltage of the TPS79601 adjustable
larger ceramic capacitor is suitable.
regulator is programmed using an external resistor
divider (see Figure 23). The output voltage is
The internal voltage reference is a key source of
calculated using Equation 1:
noise in an LDO regulator. The TPS796xx has an NR
pin which is connected to the voltage reference
through a 250k
Ω internal resistor. The 250kΩ internal
(1)
resistor, in conjunction with an external bypass
where:
capacitor connected to the NR pin, creates a low-
VREF = 1.2246V typ (the internal reference
pass filter to reduce the voltage reference noise and,
voltage)
therefore, the noise at the regulator output. In order
for the regulator to operate properly, the current flow
Resistors
R1
and
R2
should
be
chosen
for
out of the NR pin must be at a minimum, because
approximately 40
μA divider current. Lower value
any leakage current creates an IR drop across the
resistors
can
be
used
for
improved
noise
internal resistor, thus creating an output error.
performance, but the device wastes more power.
Therefore, the bypass capacitor must have minimal
Higher values should be avoided, as leakage current
leakage current. The bypass capacitor should be no
at FB increases the output voltage error.
more than 0.1
μF in order to ensure that it is fully
charged during the quickstart time provided by the
internal switch shown in the functional block diagram.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9


Número de pieza similar - TPS79618DCQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79618DCQR TI-TPS79618DCQR Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79618DCQR TI-TPS79618DCQR Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79618DCQRG4 TI-TPS79618DCQRG4 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS79618DCQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS796XX TI-TPS796XX Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com