Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79625KTTTG3 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS79625KTTTG3
Descripción Electrónicos  Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79625KTTTG3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS79625KTTTG3 Datasheet HTML 7Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 8Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 9Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 10Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 11Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 12Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 13Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 14Page - Texas Instruments TPS79625KTTTG3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
R
q
JA
+
()125OC * TA)
P
D
160
140
120
100
80
60
40
20
0
0
1
2
3
4
5
6
7
8
9
10
Board Copper Area (
)
in
2
DCQ
DRB
KTT
P
D
+ VIN * VOUT
I
OUT
TPS796
www.ti.com
SLVS351O – SEPTEMBER 2002 – REVISED NOVEMBER 2013
THERMAL INFORMATION
Knowing the maximum RθJA, the minimum amount of
POWER DISSIPATION
PCB copper area needed for appropriate heatsinking
can be estimated using Figure 24.
Knowing the device power dissipation and proper
sizing of the thermal plane that is connected to the
tab or pad is critical to avoiding thermal shutdown
and ensuring reliable operation.
Power dissipation of the device depends on input
voltage and load conditions and can be calculated
using Equation 4:
(4)
Power dissipation can be minimized and greater
efficiency can be achieved by using the lowest
possible input voltage necessary to achieve the
required output voltage regulation.
On the SON (DRB) package, the primary conduction
path for heat is through the exposed pad to the
printed
circuit
board
(PCB).
The
pad
can
be
Note:
θJA value at board size of 9in
2 (that is, 3in ×
connected to ground or be left floating; however, it
3in) is a JEDEC standard.
should be attached to an appropriate amount of
copper PCB area to ensure the device does not
Figure 24.
θJA vs Board Size
overheat. On both SOT-223 (DCQ) and DDPAK
(KTT) packages, the primary conduction path for heat
Figure 24 shows the variation of
θJA as a function of
is through the tab to the PCB. That tab should be
ground plane copper area in the board. It is intended
connected to ground. The maximum junction-to-
only as a guideline to demonstrate the effects of heat
ambient thermal resistance depends on the maximum
spreading in the ground plane and should not be
ambient
temperature,
maximum
device
junction
used to estimate actual thermal performance in real
temperature, and power dissipation of the device and
application environments.
can be calculated using Equation 5:
NOTE:
When
the
device
is
mounted
on
an
application PCB, it is strongly recommended to use
(5)
ΨJT and ΨJB, as explained in the Estimating Junction
Temperature section.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11


Número de pieza similar - TPS79625KTTTG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79625KTTTG3 TI-TPS79625KTTTG3 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS79625KTTTG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS796XX TI-TPS796XX Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com