Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8417WBRMZ-RL Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD8417WBRMZ-RL
Descripción Electrónicos  Bidirectional, Zero Drift, Current Sense Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8417WBRMZ-RL Datasheet(HTML) 1 Page - Analog Devices

  AD8417WBRMZ-RL Datasheet HTML 1Page - Analog Devices AD8417WBRMZ-RL Datasheet HTML 2Page - Analog Devices AD8417WBRMZ-RL Datasheet HTML 3Page - Analog Devices AD8417WBRMZ-RL Datasheet HTML 4Page - Analog Devices AD8417WBRMZ-RL Datasheet HTML 5Page - Analog Devices AD8417WBRMZ-RL Datasheet HTML 6Page - Analog Devices AD8417WBRMZ-RL Datasheet HTML 7Page - Analog Devices AD8417WBRMZ-RL Datasheet HTML 8Page - Analog Devices AD8417WBRMZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Bidirectional, Zero Drift,
Current Sense Amplifier
Data Sheet
AD8417
FEATURES
Typical 0.1 µV/°C offset drift
Maximum ±400 µV voltage offset over full temperature range
2.7 V to 5.5 V power supply operating range
Electromagnetic interference (EMI) filters Included
High common-mode input voltage range
−2 V to +70 V continuous
−4 V to +85 V survival
Initial gain = 60 V/V
Wide operating temperature range: −40°C to +125°C
Bidirectional operation
Available in 8-lead SOIC and 8-lead MSOP
Common-mode rejection ratio (CMRR): 86 dB, dc to 10 kHz
Qualified for automotive applications
APPLICATIONS
High-side current sensing in
Motor controls
Solenoid controls
Power management
Low-side current sensing
Diagnostic protection
GENERAL DESCRIPTION
The AD8417 is a high voltage, high resolution current shunt
amplifier. It features an initial gain of 60 V/V, with a maximum
±0.3% gain error over the entire temperature range. The
buffered output voltage directly interfaces with any typical
converter. The AD8417 offers excellent input common-mode
rejection from −2 V to +70 V. The AD8417 performs bidirectional
current measurements across a shunt resistor in a variety of
automotive and industrial applications, including motor control,
power management, and solenoid control.
The AD8417 offers breakthrough performance throughout the
−40°C to +125°C temperature range. It features a zero drift core,
which leads to a typical offset drift of 0.1 µV/°C throughout the
operating temperature range and the common-mode voltage
range. The AD8417 is qualified for automotive applications. The
device includes EMI filters and patented circuitry to enable
output accuracy with pulse-width modulation (PWM) type
input common-mode voltages. The typical input offset voltage
is ±200 µV. The AD8417 is offered in 8-lead MSOP and SOIC
packages.
Table 1. Related Devices
Part No.
Description
AD8205
Current sense amplifier, gain = 50
AD8206
Current sense amplifier, gain = 20
AD8207
High accuracy current sense amplifier, gain = 20
AD8210
High speed current sense amplifier, gain = 20
AD8418A
High accuracy current sense amplifier, gain = 20
FUNCTIONAL BLOCK DIAGRAM
+
ISHUNT
G = 60
VCM = –2V TO +70V
VS = 2.7V TO 5.5V
VREF1
VREF2
OUT
0V
VS
VS/2
VOUT
ISHUNT
EMI
FILTER
EMI
FILTER
VCM
0V
70V
AD8417
VS
+IN
–IN
GND
–50A
50A
RSHUNT
Figure 1.
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Número de pieza similar - AD8417WBRMZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8417WBRMZ-RL AD-AD8417WBRMZ-RL Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
More results

Descripción similar - AD8417WBRMZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
AD8418A AD-AD8418A Datasheet
424Kb / 17P
   Bidirectional, Zero Drift, Current Sense Amplifier
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
logo
Texas Instruments
INA186 TI1-INA186 Datasheet
1Mb / 31P
[Old version datasheet]   Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
TP199A1T 3PEAK-TP199A1T Datasheet
779Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com