Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si7013-A10-YM1R Datasheet(PDF) 7 Page - Silicon Laboratories

No. de pieza Si7013-A10-YM1R
Descripción Electrónicos  I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7013-A10-YM1R Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si7013-A10-YM1R Datasheet HTML 3Page - Silicon Laboratories Si7013-A10-YM1R Datasheet HTML 4Page - Silicon Laboratories Si7013-A10-YM1R Datasheet HTML 5Page - Silicon Laboratories Si7013-A10-YM1R Datasheet HTML 6Page - Silicon Laboratories Si7013-A10-YM1R Datasheet HTML 7Page - Silicon Laboratories Si7013-A10-YM1R Datasheet HTML 8Page - Silicon Laboratories Si7013-A10-YM1R Datasheet HTML 9Page - Silicon Laboratories Si7013-A10-YM1R Datasheet HTML 10Page - Silicon Laboratories Si7013-A10-YM1R Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Si7013
Rev. 0.95
7
Table 4. Humidity Sensor
1.9 ≤ VDD ≤ 3.6 V; TA = 30 °C; default conversion time unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Range1
Non-condensing
0
100
%RH
Accuracy3, 4
0 – 80% RH
±2
±3
%RH
80 – 100% RH
See Figure 2
%RH
Repeatability-Noise
12-bit resolution
0.025
%RH RMS
11-bit resolution
0.05
%RH RMS
10-bit resolution
0.1
%RH RMS
8-bit resolution
0.2
%RH RMS
Response Time5
τ63%
1m/s airflow
18
S
Drift vs. Temperature
0.05
%RH/°C
Hysteresis
±1
%RH
Long Term Stability4
—< 0.25
%RH/yr
Notes:
1.
Recommended humidity operating range is 20% to 80% RH (non-condensing) over –10 °C to 60 °C. Prolonged
operation beyond these ranges may result in a shift of sensor reading with slow recovery time.
2.
See conversion time specifications in Table 2.
3.
Excludes hysteresis, long term drift, and certain other factors and is applicable to non-condensing environments only.
See Section “4.1. Relative Humidity Sensor Accuracy” for more details.
4.
Drift due to aging effects at typical room conditions of 30°C and 30% to 50% RH. May be impacted by dust, vaporized
solvents or other contaminants, e.g., out-gassing tapes, adhesives, packaging materials, etc. See Section “4.7. Long
Term Drift/Aging”
5.
Response time to a step change in RH. Time for the RH output to change by 63% of the total RH change.


Número de pieza similar - Si7013-A10-YM1R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si7013-A10-GM SILABS-Si7013-A10-GM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-GM1 SILABS-Si7013-A10-GM1 Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-GM1R SILABS-Si7013-A10-GM1R Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-GMR SILABS-Si7013-A10-GMR Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-IM SILABS-Si7013-A10-IM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Descripción similar - Si7013-A10-YM1R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
   I2C HUMIDITY AND TEMPERATURE SENSOR
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
   DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
   Humidity and Temperature Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
   HUMIDITY AND TEMPERATURE SENSOR
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
   Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com