Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD743JR-16-REEL Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD743JR-16-REEL
Descripción Electrónicos  Ultralow Noise BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD743JR-16-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD743JR-16-REEL Datasheet HTML 4Page - Analog Devices AD743JR-16-REEL Datasheet HTML 5Page - Analog Devices AD743JR-16-REEL Datasheet HTML 6Page - Analog Devices AD743JR-16-REEL Datasheet HTML 7Page - Analog Devices AD743JR-16-REEL Datasheet HTML 8Page - Analog Devices AD743JR-16-REEL Datasheet HTML 9Page - Analog Devices AD743JR-16-REEL Datasheet HTML 10Page - Analog Devices AD743JR-16-REEL Datasheet HTML 11Page - Analog Devices AD743JR-16-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. E
AD743
–11–
R2
1900
R4*
R1
108
R3
100
OUTPUT
AD743
*OPTIONAL, SEE TEXT
INPUT SENSITIVITY = –179 dB re. 1V/ Pa**
**1V PER MICROPASCAL
B AND K TYPE 8100
HYDROPHONE
CT
CC
C1*
Figure 15b. AC-Coupled, Low Noise
Hydrophone Amplifier
R5
100k
R1
108
R4*
108
OUTPUT
DC OUTPUT
1mV FOR IB (AD743)
100nA
CT
C1*
AD743
R2
1900
R6
1M
R7
16M
16M
*OPTIONAL, SEE TEXT
C2
0.27 F
R3
100
B AND K
TYPE 8100
HYDROPHONE
AD711K
Figure 15c. Hydrophone Amplifier Incorporating a
DC Servo Loop
where the dc gain is 1 and the gain above the low frequency cutoff
(1/(2
πC
C(100
Ω))) is the same as the circuit of Figure 15a. The
circuit of Figure 15c uses a dc servo loop to keep the dc output
at 0 V and to maintain full dynamic range for IB up to 100 nA.
The time constant of R7 and C2 should be larger than that of
R1 and CT for a smooth low frequency response.
The transducer shown has a source capacitance of 7500 pF. For
smaller transducer capacitances (
≤300 pF), the lowest noise can
be achieved by adding a parallel RC network (R4 = R1, C1 = CT)
in series with the inverting input of the AD743.
BALANCING SOURCE IMPEDANCES
As mentioned previously, it is good practice to balance the
source impedances (both resistive and reactive) as seen by the
inputs of the AD743. Balancing the resistive components will
optimize dc performance over temperature because balancing
will mitigate the effects of any bias current errors. Balancing
input capacitance will minimize ac response errors due to the
amplifier’s input capacitance and, as shown in Figure 16, noise
performance will be optimized. Figure 17 shows the required
external components for noninverting (A) and inverting (B)
configurations.
INPUT CAPACITORS (pF)
40
30
20
10
10
100
1000
UNBALANCED
BALANCED
2.9nV/
√Hz
Figure 16. RTI Voltage Noise vs. Input Capacitance
OUTPUT
R1
R2
RB
CB
CS
RS
NONINVERTING
CONNECTION
A
A
CB = CS
RB = RS
FOR
RS >> R1 OR R2
OUTPUT
R1
CS
CF
CB
RS
RB
INVERTING
CONNECTION
B
B
CB = CF CS
RB = R1 RS
Figure 17. Optional External Components for Balancing Source Impedances


Número de pieza similar - AD743JR-16-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results

Descripción similar - AD743JR-16-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743AN AD-AD743AN Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com