Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5380BSTZ-5 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD5380BSTZ-5
Descripción Electrónicos  40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5380BSTZ-5 Datasheet(HTML) 5 Page - Analog Devices

  AD5380BSTZ-5 Datasheet HTML 1Page - Analog Devices AD5380BSTZ-5 Datasheet HTML 2Page - Analog Devices AD5380BSTZ-5 Datasheet HTML 3Page - Analog Devices AD5380BSTZ-5 Datasheet HTML 4Page - Analog Devices AD5380BSTZ-5 Datasheet HTML 5Page - Analog Devices AD5380BSTZ-5 Datasheet HTML 6Page - Analog Devices AD5380BSTZ-5 Datasheet HTML 7Page - Analog Devices AD5380BSTZ-5 Datasheet HTML 8Page - Analog Devices AD5380BSTZ-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
AD5381
Rev. D | Page 5 of 40
Parameter
AD5381-51
Unit
Test Conditions/Comments
LOGIC INPUTS (SDA, SCL ONLY)3
V
IH, Input High Voltage
0.7 × DVDD
V min
SMBus compatible at DVDD < 3.6 V
V
IL, Input Low Voltage
0.3 × DVDD
V max
SMBus compatible at DVDD < 3.6 V
I
IN, Input Leakage Current
±1
µA max
V
HYST, Input Hysteresis
0.05 × DVDD
V min
C
IN, Input Capacitance
8
pF typ
Glitch Rejection
50
ns max
Input filtering suppresses noise spikes of less than50 ns
LOGIC OUTPUTS (BUSY, SDO)
3
V
OL, Output Low Voltage
0.4
V max
DVDD = 5 V ± 10%, sinking 200 µA
V
OH, Output High Voltage
DVDD – 1
V min
DVDD = 5 V ± 10%, sourcing 200 µA
V
OL, Output Low Voltage
0.4
V max
DVDD = 2.7 V to 3.6 V, sinking 200 µA
V
OH, Output High Voltage
DVDD – 0.5
V min
DVDD = 2.7 V to 3.6 V, sourcing 200 µA
High Impedance Leakage Current
±1
µA max
SDO only
High Impedance Output Capacitance
5
pF typ
SDO only
LOGIC OUTPUT (SDA)3
V
OL, Output Low Voltage
0.4
V max
I
SINK = 3 mA
0.6
V max
I
SINK = 6 mA
Three-State Leakage Current
±1
µA max
Three-State Output Capacitance
8
pF typ
POWER REQUIREMENTS
AVDD
4.5/5.5
V min/max
DVDD
2.7/5.5
V min/max
Power Supply Sensitivity3
∆Midscale/∆ΑV
DD
–85
dB typ
AI
DD
0.375
mA/channel max
Outputs unloaded, boost off; 0.25 mA/channel typ
0.475
mA/channel max
Outputs unloaded, boost on.; 0.325 mA /channel typ
DI
DD
1
mA max
V
IH = DVDD, VIL = DGND
AI
DD (Power-Down)
20
µA max
Typically 100 nA
DI
DD (Power-Down)
20
µA max
Typically 1 µA
Power Dissipation
80
mW max
Outputs unloaded, boost off, AVDD = DVDD = 5 V
1 AD5381-5 is calibrated using an external 2.5 V reference. Temperature range for all versions: –40°C to +85°C.
2 Accuracy guaranteed from VOUT = 10 mV to AVDD – 50 mV.
3 Guaranteed by characterization, not production tested.
4 Default on the AD5381-5 is 2.5 V. Programmable to 1.25 V via CR10 in the AD5381 control register; operating the AD5381-5 with a 1.25 V reference will lead to
degraded accuracy specifications.


Número de pieza similar - AD5380BSTZ-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5380BST-3 AD-AD5380BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-3 AD-AD5380BST-3 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
AD5380BST-3 AD-AD5380BST-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5380BST-5 AD-AD5380BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-5 AD-AD5380BST-5 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
More results

Descripción similar - AD5380BSTZ-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5381 AD-AD5381_15 Datasheet
805Kb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
Rev. E
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5383 AD-AD5383_15 Datasheet
726Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
REV. D
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5382 AD-AD5382_15 Datasheet
872Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit denseDAC
REV. D
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD7859APZ AD-AD7859APZ Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859 AD-AD7859 Datasheet
535Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com