Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7391ARU-REEL Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD7391ARU-REEL
Descripción Electrónicos  3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7391ARU-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7391ARU-REEL Datasheet HTML 2Page - Analog Devices AD7391ARU-REEL Datasheet HTML 3Page - Analog Devices AD7391ARU-REEL Datasheet HTML 4Page - Analog Devices AD7391ARU-REEL Datasheet HTML 5Page - Analog Devices AD7391ARU-REEL Datasheet HTML 6Page - Analog Devices AD7391ARU-REEL Datasheet HTML 7Page - Analog Devices AD7391ARU-REEL Datasheet HTML 8Page - Analog Devices AD7391ARU-REEL Datasheet HTML 9Page - Analog Devices AD7391ARU-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
AD7390/AD7391–Typical Performance Characteristics
–6–
TOTAL UNADJUSTED ERROR – LSB
25
0
5.0
10
5
20
15
5.8 6.6 7.3 8.1 8.9 9.7 10.5 11.2 12.0
SS = 100 UNITS
TA = 25 C
VDD = 2.7V
VREF = 2.5V
TPC 1. AD7390 Total Unadjusted
Error Histogram
FREQUENCY – Hz
10
8
0
1
10
100k
100
1k
10k
6
4
2
12
14
16
VDD = 5V
VREF = 2.5V
TA = 25 C
TPC 4. AD7390 Voltage Noise
Density vs. Frequency
TEMPERATURE – C
100
20
55
35
125
15
5
25
65
85
105
45
90
60
50
40
30
80
70
SAMPLE SIZE = 300 UNITS
VDD = 5.0V, VLOGIC = 0V
VDD = 3.0V, VLOGIC = 0V
VDD = 3.6V, VLOGIC = 2.4V
TPC 7. AD7390 Supply Current
vs. Temperature
TOTAL UNADJUSTED ERROR – LSB
100
0
–10
40
20
80
60
–3.3 3.3 10
16 23
30
36
43
50
SS = 300 UNITS
TA = 25 C
VDD = 2.7V
VREF = 2.5V
90
70
50
30
10
TPC 2. AD7391 Total Unadjusted
Error Histogram
VIN – V
0.0
0.5
3.0
1.0
1.5
2.0
2.5
100
95
50
70
65
60
55
90
75
80
85
VLOGIC FROM
3.0V TO 0V
VLOGIC FROM
0V TO 3.0V
TA = 25 C
VDD = 3.0V
TPC 5. AD7390 Supply Current vs.
Logic Input Voltage
CLOCK FREQUENCY – Hz
1000
800
0
1k
10k
10M
100k
1M
600
400
200
a. V DD = 5.5V, CODE = 155H
b. V DD = 5.5V, CODE = 3FFH
c. V DD = 2.7V, CODE = 155H
d
. VDD = 2.7V, CODE = 355H
a
b
c
d
VLOGIC = 0V TO V DD TO 0V
VREF = 2.5V
TA = 25 C
TPC 8. AD7391 Supply Current
vs. Clock Frequency
FULL-SCALE TEMPCO – ppm/ C
0
–33
12
6
24
18
–30 –26 –23 –20 –16 –13 –10 –6 –3
30
0
SS = 100 UNITS
TA= 40 C TO +85 C
VDD = 2.7V
VREF = 2.5V
TPC 3. AD7391 Full-Scale Output
Tempco Histogram
SUPPLY VOLTAGE – V
12
7
34
56
5.0
4.5
0.0
2.0
1.5
1.0
0.5
4.0
2.5
3.0
3.5
VLOGIC FROM
HIGH TO LOW
VLOGIC FROM
LOW TO HIGH
CODE = FFFH
VREF = 2V
RS LOGIC VOLTAGE
VARIED
TPC 6. AD7390 Logic Threshold
vs. Supply Voltage
FREQUENCY – Hz
60
50
0
10
100
10k
1k
30
20
10
40
VDD = 3V
5%
VDD = 5V
5%
TA = 25 C
TPC 9. Power Supply Rejection
vs. Frequency


Número de pieza similar - AD7391ARU-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7391ARU-REEL AD-AD7391ARU-REEL Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
More results

Descripción similar - AD7391ARU-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7392 AD-AD7392 Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com