Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4898-1 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADA4898-1
Descripción Electrónicos  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4898-1 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4898-1 Datasheet HTML 6Page - Analog Devices ADA4898-1 Datasheet HTML 7Page - Analog Devices ADA4898-1 Datasheet HTML 8Page - Analog Devices ADA4898-1 Datasheet HTML 9Page - Analog Devices ADA4898-1 Datasheet HTML 10Page - Analog Devices ADA4898-1 Datasheet HTML 11Page - Analog Devices ADA4898-1 Datasheet HTML 12Page - Analog Devices ADA4898-1 Datasheet HTML 13Page - Analog Devices ADA4898-1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADA4895-2
Data Sheet
Rev. 0 | Page 10 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
OUT1
1
–IN1
2
+IN1
3
–VS 4
DISABLE1
5
+VS
10
OUT2
9
–IN2
8
+IN2
7
DISABLE2
6
ADA4895-2
Figure 4. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT1
Output 1.
2
−IN1
Inverting Input 1.
3
+IN1
Noninverting Input 1.
4
−V
S
Negative Supply.
5
DISABLE1
Disable 1.
6
DISABLE2
Disable 2.
7
+IN2
Noninverting Input 2.
8
−IN2
Inverting Input 2.
9
OUT2
Output 2.
10
+V
S
Positive Supply.


Número de pieza similar - ADA4898-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4898-1 AD-ADA4898-1 Datasheet
432Kb / 16P
   High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
REV. 0
ADA4898-1 AD-ADA4898-1 Datasheet
632Kb / 28P
   1 nV/?숰z, Low Power
REV. B
ADA4898-1 AD-ADA4898-1 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
ADA4898-1YRD-EBZ AD-ADA4898-1YRD-EBZ Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4898-1YRDZ AD-ADA4898-1YRDZ Datasheet
432Kb / 16P
   High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
REV. 0
More results

Descripción similar - ADA4898-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4895-1 AD-ADA4895-1 Datasheet
591Kb / 24P
   Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
ADA4896-2 AD-ADA4896-2 Datasheet
515Kb / 28P
   1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
ADA4807-1 AD-ADA4807-1 Datasheet
748Kb / 33P
   3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
AD8676 AD-AD8676_11 Datasheet
343Kb / 12P
   Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
AD8676 AD-AD8676 Datasheet
492Kb / 12P
   Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com