Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT11008DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza 74ACT11008DRG4
Descripción Electrónicos  QUADRUPLE 2-INPUT POSITIVE-AND GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11008DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11008DRG4 Datasheet HTML 1Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 2Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 3Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 4Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 5Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 6Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 7Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 8Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74ACT11008
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SCAS013C – AUGUST 1987 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
D EPIC™ (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity
at 125
°C
D Package Options Include Plastic
Small-Outline (D), Plastic Thin Shrink
Small-Outline (PW), and Standard Plastic
300-mil DIPs (N) Packages
description
The 74ACT11008 contains four independent 2-input AND gates. It performs the Boolean function Y = A
SB or
Y
+ A ) B in positive logic.
The 74ACT11008 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
H
H
L
XL
X
L
L
logic symbol
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
4Y
3Y
2Y
1Y
7
6
3
2
8
9
10
11
14
15
16
1
4B
4A
3B
3A
2B
2A
1B
1A
&
logic diagram (positive logic)
1Y
1A
1B
2Y
2A
2B
3Y
3A
3B
4Y
4A
4B
1
16
15
14
11
10
9
8
2
3
6
7
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
2Y
GND
GND
3Y
4Y
4B
1B
2A
2B
VCC
VCC
3A
3B
4A
(TOP VIEW)
D, N, OR PW PACKAGE
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Número de pieza similar - 74ACT11008DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ACT11008D TI-74ACT11008D Datasheet
77Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results

Descripción similar - 74ACT11008DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHCT08-EP TI1-SN74AHCT08-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
logo
Unisonic Technologies
U74AHCT08 UTC-U74AHCT08_15 Datasheet
195Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC08A-Q1 TI-SN74LVC08A-Q1 Datasheet
198Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08 TI-SN74ALVC08_07 Datasheet
727Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LV08A-EP TI1-SN74LV08A-EP Datasheet
414Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
74AC11008DRG4 TI1-74AC11008DRG4 Datasheet
644Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74AUC08 TI-SN74AUC08_07 Datasheet
552Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
74AC11008 TI-74AC11008 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
REVISED APRIL 1996
74ACT11008 TI-74ACT11008 Datasheet
77Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08 TI-SN74ALVC08 Datasheet
575Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LVC08A-EP TI1-SN74LVC08A-EP Datasheet
542Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com