Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS1191IPBSR Datasheet(PDF) 7 Page - Texas Instruments |
|
|
ADS1191IPBSR Datasheet(HTML) 7 Page - Texas Instruments |
7 / 67 page ADS1191 ADS1192 www.ti.com SBAS566A – DECEMBER 2011 – REVISED SEPTEMBER 2012 PARAMETER MEASUREMENT INFORMATION NOISE MEASUREMENTS The ADS1191/2 noise performance can be optimized by adjusting the data rate and PGA setting. As the averaging is increased by reducing the data rate, the noise drops correspondingly. Increasing the PGA value reduces the input-referred noise, which is particularly useful when measuring low-level biopotential signals. Table 1 and Table 2 summarize the noise performance of the ADS1191/2. The data are representative of typical noise performance at TA = +25°C. The data shown are the result of averaging the readings from multiple devices and are measured with the inputs shorted together. Table 1 and Table 2 show measurements taken with an internal reference. The data are also representative of the ADS1191/2 noise performance when using a low-noise external reference such as the REF5025. Table 1. Input-Referred Noise ( μVPP) 3-V Analog Supply and 2.42-V Reference (1) PGA GAIN DR BITS OF OUTPUT x1 x2 x3 x4 x6 x8 x12 CONFIG1 DATA RATE –3-dB BANDWIDTH REGISTER (SPS) (Hz) μVPP μVPP μVPP μVPP μVPP μVPP μVPP 000 125 32.75 147.1 73.9 49.2 36.9 24.6 18.5 12.3 001 250 65.5 147.7 73.9 49.2 36.9 24.6 18.5 12.3 010 500 131 147.7 73.9 49.2 36.9 24.6 18.5 12.3 011 1000 262 147.7 73.9 49.2 36.9 24.6 18.5 12.3 100 2000 524 221.5 110.8 73.8 55.4 36.9 27.7 18.5 101 4000 1048 810.0 405.0 270.0 202.5 135.0 101.3 67.5 110 8000 2096 3900.0 1950.0 1300.0 975.0 650.0 487.5 325.0 (1) At least 1000 consecutive readings were used to calculate the peak-to-peak noise values in this table. Table 2. Input-Referred Noise ( μVPP) 5-V Analog Supply and 4.033-V Reference (1) PGA GAIN DR BITS OF OUTPUT x1 x2 x3 x4 x6 x8 x12 CONFIG1 DATA RATE –3-dB BANDWIDTH REGISTER (SPS) (Hz) μVPP μVPP μVPP μVPP μVPP μVPP μVPP 000 125 32.75 246.1 123.1 82.0 61.5 41.0 30.8 20.5 001 250 65.5 246.1 123.1 82.0 61.5 41.0 30.8 20.5 010 500 131 246.1 123.1 82.0 61.5 41.0 30.8 20.5 011 1000 262 246.1 123.1 82.0 61.5 41.0 30.8 20.5 100 2000 524 369.2 184.6 123.1 92.3 61.5 46.2 30.8 101 4000 1048 1230.0 615.0 410.0 307.5 205.0 153.8 102.5 110 8000 2096 6800.0 3400.0 2266.7 1700.0 1133.3 850.0 566.7 (1) At least 1000 consecutive readings were used to calculate the peak-to-peak noise values in this table. Copyright © 2011–2012, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: ADS1191 ADS1192 |
Número de pieza similar - ADS1191IPBSR |
|
Descripción similar - ADS1191IPBSR |