Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1192IRSMR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1192IRSMR
Descripción Electrónicos  Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1192IRSMR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1192IRSMR Datasheet HTML 4Page - Texas Instruments ADS1192IRSMR Datasheet HTML 5Page - Texas Instruments ADS1192IRSMR Datasheet HTML 6Page - Texas Instruments ADS1192IRSMR Datasheet HTML 7Page - Texas Instruments ADS1192IRSMR Datasheet HTML 8Page - Texas Instruments ADS1192IRSMR Datasheet HTML 9Page - Texas Instruments ADS1192IRSMR Datasheet HTML 10Page - Texas Instruments ADS1192IRSMR Datasheet HTML 11Page - Texas Instruments ADS1192IRSMR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
1
CS
SCLK
DIN
DOUT
2
3
8
1
2
8
3
t
CSSC
t
DIST
t
DIHD
t
CSH
t
DOPD
t
SPWH
t
SPWL
t
SCCS
Hi-Z
t
CSDOZ
t
CSDOD
Hi-Z
t
SCLK
t
SDECODE
CLK
t
CLK
ADS1191
ADS1192
SBAS566A – DECEMBER 2011 – REVISED SEPTEMBER 2012
www.ti.com
TIMING CHARACTERISTICS
NOTE: SPI settings are CPOL = 0 and CPHA = 1.
Figure 1. Serial Interface Timing
Timing Requirements For Figure 1(1)
2.7 V
≤ DVDD ≤ 3.6 V
1.6 V
≤ DVDD ≤ 2.7 V
PARAMETER
DESCRIPTION
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Master clock period (CLK_DIV bit of LOFF_STAT register = 0)
TBD
TBD
TBD
TBD
ns
tCLK
Master clock period (CLK_DIV bit of LOFF_STAT register = 1)
414
514
514
465
ns
tCSSC
CS low to first SCLK, setup time
6
17
ns
tSCLK
SCLK period
50
66.6
ns
tSPWH, L
SCLK pulse width, high and low
15
25
ns
tDIST
DIN valid to SCLK falling edge: setup time
10
10
ns
tDIHD
Valid DIN after SCLK falling edge: hold time
10
11
ns
tDOPD
SCLK rising edge to DOUT valid: setup time
12
22
ns
tCSH
CS high pulse
2
2
tCLKs
tCSDOD
CS low to DOUT driven
10
20
ns
tSCCS
Eighth SCLK falling edge to CS high
4
4
tCLKs
tSDECODE
Command decode time
4
4
tCLKs
tCSDOZ
CS high to DOUT Hi-Z
10
20
ns
(1)
Specified at TA = –40°C to +85°C, unless otherwise noted. Load on DOUT = 20 pF || 100 kΩ.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: ADS1191 ADS1192


Número de pieza similar - ADS1192IRSMR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1192IRSMR TI-ADS1192IRSMR Datasheet
1Mb / 67P
[Old version datasheet]   Two Low-Noise PGAs and Two High-Resolution ADCs (ADS1192)
ADS1192IRSMR TI1-ADS1192IRSMR Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Descripción similar - ADS1192IRSMR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com