Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHC1G03DFT2 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC74VHC1G03DFT2
Descripción Electrónicos  Single 2?묲nput NOR Gate with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G03DFT2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHC1G03DFT2 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G03DFT2 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G03DFT2 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G03DFT2 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G03DFT2 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G03DFT2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHC1G03
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA ≤ 85°C
−55
≤ TA ≤ 125°C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum High−Level
Input Voltage
2.0
3.0
4.5
5.5
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
V
VIL
Maximum Low−Level
Input Voltage
2.0
3.0
4.5
5.5
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
V
VOL
Maximum Low−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 50 mA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
V
ILKG
Z−State Output
Leakage Current
VIN = VIL
VOUT = VCC or GND
5.5
$5
$10
$10
mA
IIN
Maximum Input
Leakage Current
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
1.0
20
40
mA
IOFF
Power Off−Output
Leakage Current
VOUT = 5.5 V
VIN = 5.5 V
0
0.25
2.5
5
mA
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
Symbol
Parameter
Test Conditions
TA = 25°C
TA ≤ 85°C
−55
≤ TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPZL
Maximum Output
Enable Time,
Input A or B to Y
VCC = 3.3 ± 0.3 V
CL = 15 pF
RL = RI = 500 W
CL = 50 pF
5.6
8.1
7.9
11.4
9.5
13.0
11.0
15.5
ns
VCC = 5.0 ± 0.5 V
CL = 15 pF
RL = RI = 500 W
CL = 50 pF
3.6
5.1
5.5
7.5
6.5
8.5
8.0
10.0
tPLZ
Maximum Output
Disable Time
VCC = 3.3 ± 0.3 V
CL = 50 pF
RL = RI = 500 W
8.1
11.4
13.0
15.5
ns
VCC = 5.0 ± 0.5 V
CL = 50 pF
RL = RI = 500 W
5.1
7.5
8.5
10.0
CIN
Maximum Input
Capacitance
4
10
10
10
pF
CPD
Power Dissipation Capacitance (Note 6)
Typical @ 25
°C, VCC = 5.0V
pF
18
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Número de pieza similar - MC74VHC1G03DFT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MC74VHC1G03DFT2 ETC1-MC74VHC1G03DFT2 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
E-Tech Electronics LTD
MC74VHC1G03DFT2 ETL-MC74VHC1G03DFT2 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G03DFT2G ONSEMI-MC74VHC1G03DFT2G Datasheet
207Kb / 14P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 15
MC74VHC1G03DFT2G ONSEMI-MC74VHC1G03DFT2G Datasheet
171Kb / 14P
   Single 2-Input NOR Gate with Open Drain Output
April, 2022 ??Rev. 17
MC74VHC1G03DFT2G-L22038 ONSEMI-MC74VHC1G03DFT2G-L22038 Datasheet
171Kb / 14P
   Single 2-Input NOR Gate with Open Drain Output
April, 2022 ??Rev. 17
More results

Descripción similar - MC74VHC1G03DFT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09_07 Datasheet
79Kb / 6P
   2?묲nput AND Gate with Open Drain Output
January, 2007 ??Rev. 16
MC74VHC1G03 ONSEMI-MC74VHC1G03_V01 Datasheet
171Kb / 14P
   Single 2-Input NOR Gate with Open Drain Output
April, 2022 ??Rev. 17
MC74VHC1G03 ONSEMI-MC74VHC1G03 Datasheet
194Kb / 8P
   2-Input NOR Gate with Open Drain Output
October, 1999 ??Rev. 0.0
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
MC74VHC1G135 ONSEMI-MC74VHC1G135_07 Datasheet
80Kb / 6P
   2?묲nput NAND Schmitt?뭈rigger with Open Drain Output
February, 2007 ??Rev. 15
logo
Leshan Radio Company
L74VHC1GT03 LRC-L74VHC1GT03 Datasheet
215Kb / 6P
   2-Input NOR Gate with Open Drain Output with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com