Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHC1G03DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC74VHC1G03DFT2G
Descripción Electrónicos  Single 2?묲nput NOR Gate with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G03DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHC1G03DFT2G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G03DFT2G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G03DFT2G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G03DFT2G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G03DFT2G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G03DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC1G03
http://onsemi.com
4
CL = 50 pF equivalent (Includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
RL
VCC − 7 V
OVT
VCC
A
B
50%
50% VCC
tPZL
tPLZ
VOL +0.3 V
VCC
GND
HIGH
IMPEDANCE
Y
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
Figure 4. Output Voltage Mismatch Application
Figure 5. Switching Waveforms
Figure 6. Test Circuit
VCC x 2
A or B
E = (A
• B) + (C+D)
2.2 k
W
220
W
Figure 7. Complex Boolean Functions
Figure 8. LED Driver
Figure 9. GTL Driver
MC74VHC1G01
MC74VHC1G03
A
B
C
D
VCC
A
B
VCC
VCC
RLED
1
2
3
5
6
MC74VHC1G03
A
B
3.3 V
1.5 V
GTL
ORDERING INFORMATION
Device
Package
Shipping
MC74VHC1G03DFT1
SC70−5 / SC−88A / SOT−353
3000/Tape & Reel
MC74VHC1G03DFT1G
SC70−5 / SC−88A / SOT−353
(Pb−Free)
MC74VHC1G03DFT2
SC70−5 / SC−88A / SOT−353
MC74VHC1G03DFT2G
SC70−5 / SC−88A / SOT−353
(Pb−Free)
MC74VHC1G03DTT1
SOT23−5 / TSSOP−5 / SC59−5
MC74VHC1G03DTT1G
SOT23−5 / TSSOP−5 / SC59−5
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Número de pieza similar - MC74VHC1G03DFT2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHC1G03DFT2G ONSEMI-MC74VHC1G03DFT2G Datasheet
207Kb / 14P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 15
MC74VHC1G03DFT2G ONSEMI-MC74VHC1G03DFT2G Datasheet
171Kb / 14P
   Single 2-Input NOR Gate with Open Drain Output
April, 2022 ??Rev. 17
MC74VHC1G03DFT2G-L22038 ONSEMI-MC74VHC1G03DFT2G-L22038 Datasheet
171Kb / 14P
   Single 2-Input NOR Gate with Open Drain Output
April, 2022 ??Rev. 17
More results

Descripción similar - MC74VHC1G03DFT2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09_07 Datasheet
79Kb / 6P
   2?묲nput AND Gate with Open Drain Output
January, 2007 ??Rev. 16
MC74VHC1G03 ONSEMI-MC74VHC1G03_V01 Datasheet
171Kb / 14P
   Single 2-Input NOR Gate with Open Drain Output
April, 2022 ??Rev. 17
MC74VHC1G03 ONSEMI-MC74VHC1G03 Datasheet
194Kb / 8P
   2-Input NOR Gate with Open Drain Output
October, 1999 ??Rev. 0.0
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
MC74VHC1G135 ONSEMI-MC74VHC1G135_07 Datasheet
80Kb / 6P
   2?묲nput NAND Schmitt?뭈rigger with Open Drain Output
February, 2007 ??Rev. 15
logo
Leshan Radio Company
L74VHC1GT03 LRC-L74VHC1GT03 Datasheet
215Kb / 6P
   2-Input NOR Gate with Open Drain Output with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com