Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS659101 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS659101
Descripción Electrónicos  Integrated Power Management Unit Top Specification
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659101 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS659101 Datasheet HTML 5Page - Texas Instruments TPS659101 Datasheet HTML 6Page - Texas Instruments TPS659101 Datasheet HTML 7Page - Texas Instruments TPS659101 Datasheet HTML 8Page - Texas Instruments TPS659101 Datasheet HTML 9Page - Texas Instruments TPS659101 Datasheet HTML 10Page - Texas Instruments TPS659101 Datasheet HTML 11Page - Texas Instruments TPS659101 Datasheet HTML 12Page - Texas Instruments TPS659101 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
TPS65910, TPS65910A, TPS65910A3, TPS659101, TPS659102, TPS659103
TPS659104, TPS659105, TPS659106, TPS659107, TPS659108, TPS659109
www.ti.com
SWCS046T – MARCH 2010 – REVISED SEPTEMBER 2013
I
2C INTERFACE AND CONTROL SIGNALS
over operating free-air temperature range (unless otherwise noted)
NO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
INT1 rise and fall times, CL = 5 to 35 pF
5
10
ns
NRESPWRON rise and fall times, CL = 5 to 35 pF
5
10
ns
SLAVE HIGH–SPEED MODE
SCL/SCLSR_EN1 and SDA/SDASR_EN2 rise and fall
10
80
ns
time, CL = 10 to 100 pF
Data rate
3.4
Mbps
I3
tsu(SDA-SCLH)
Setup time, SDA valid to SCL high
10
ns
I4
th(SCLL-SDA)
Hold time, SDA valid from SCL low
0
70
ns
I7
tsu(SCLH-SDAL)
Setup time, SCL high to SDA low
160
ns
I8
th(SDAL-SCLL)
Hold time, SCL low from SDA low
160
ns
I9
tsu(SDAH-SCLH)
Setup time, SDA high to SCL high
160
ns
SLAVE FAST MODE
SCL/SCLSR_EN1 and SDA/SDASR_EN2 rise and fall
20 +
250
ns
time, CL = 10 to 400 pF
0.1 × CL
Data rate
400
Kbps
I3
tsu(SDA-SCLH)
Setup time, SDA valid to SCL high
100
ns
I4
th(SCLL-SDA)
Hold time, SDA valid from SCL low
0
0.9
µs
I7
tsu(SCLH-SDAL)
Setup time, SCL high to SDA low
0.6
µs
I8
th(SDAL-SCLL)
Hold time, SCL low from SDA low
0.6
µs
I9
tsu(SDAH-SCLH)
Setup time, SDA high to SCL high
0.6
µs
SLAVE STANDARD MODE
SCL/SCLSR_EN1 and SDA/SDASR_EN2 rise and fall
250
ns
time, CL = 10 to 400 pF
Data rate
100
Kbps
I3
tsu(SDA-SCLH)
Setup time, SDA valid to SCL high
250
ns
I4
th(SCLL-SDA)
Hold time, SDA valid from SCL low
0
µs
I7
tsu(SCLH-SDAL)
Setup time, SCL high to SDA low
4.7
µs
I8
th(SDAL-SCLL)
Hold time, SCL low from SDA low
4
µs
I9
tsu(SDAH-SCLH)
Setup time, SDA high to SCL high
4
µs
SWITCHING CHARACTERISTICS
SLAVE HIGH–SPEED MODE
I1
tw(SCLL)
Pulse duration, SCL low
160
ns
I2
tw(SCLH)
Pulse duration, SCL high
60
ns
SLAVE FAST MODE
I1
tw(SCLL)
Pulse duration, SCL low
1.3
µs
I2
tw(SCLH)
Pulse duration, SCL high
0.6
µs
SLAVE STANDARD MODE
I1
tw(SCLL)
Pulse duration, SCL low
4.7
µs
I2
tw(SCLH)
Pulse duration, SCL high
4
µs
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65910 TPS65910A TPS65910A3 TPS659101 TPS659102 TPS659103 TPS659104
TPS659105 TPS659106 TPS659107 TPS659108 TPS659109


Número de pieza similar - TPS659101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS659101 TI1-TPS659101 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659101 TI1-TPS659101 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659101A1RSL TI1-TPS659101A1RSL Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659101A1RSLR TI1-TPS659101A1RSLR Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
More results

Descripción similar - TPS659101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65910 TI1-TPS65910 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_14 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659110 TI1-TPS659110_16 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com