Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

H03RND3HU3G100 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

No. de pieza H03RND3HU3G100
Descripción Electrónicos  International Power Cords
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QUALTEK [Qualtek Electronics Corporation]
Página de inicio  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

H03RND3HU3G100 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  H03RND3HU3G100 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
International Power Cords
Harmonized Wire Coding System & Classification
TYPES
Harmonized
Other Standard
H
A
VOLTAGE RATING
300/300V
300/500V
450/750V
03
05
07
CONDUCTOR INSULATION
PVC
Rubber (Natural or Synthetic)
Polychloropene Rubber
Silicone Rubber
Glass Fiber Construction
V
R
N
S
J
CABLE JACKET
PVC
Rubber (Natural or Synthetic)
Polychloropene Rubber
Glass Fiber Construction
V
R
N
T
SPECIAL COMPONENT
Rarely Used
D3
CONSTRUCTION DETAIL
Flat, seperate cable
Flat, non-seperate cable
H
H2
CONDUCTOR CONSTRUCTION
Solid
Stranded
Fine wire-stationary install
Tinsel Cord
U
R
K
F
H
Y
NUMBER OF CONDUCTORS
Quantity
G
X
CROSS SECTIONAL SIZE OF
CONDUCTORS IN MM
H
0
5
V
V
F
3
G
1
0
0
With ground conductors
Without ground conductors
Example: Harmonization code for cordage H05VVF 3G 1.00
2
FORM# 85224
www.qualtekusa.com
ISO-9001 Company
7610 Jenther Drive * Mentor, Ohio 44060
Phone: 1-440-951-3300 * Fax: 1-440-951-7252
E-Mail: mailbox@qualtekusa.com


Número de pieza similar - H03RND3HU3G100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microdc power Technolog...
H0303XM MICRODC-H0303XM Datasheet
603Kb / 4P
   1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
H0303XS MICRODC-H0303XS Datasheet
605Kb / 4P
   1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
H0303XS-1W MICRODC-H0303XS-1W Datasheet
857Kb / 4P
   Isolated 1W Single&Dual Output DC/DC Converters
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
More results

Descripción similar - H03RND3HU3G100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2120H ETC2-2120H Datasheet
58Kb / 3P
   international power cords
logo
Hammond Manufacturing L...
1584C HAMMOND-1584C Datasheet
62Kb / 1P
   Replacement Power Cords
logo
Filtran LTD
4711 FILTRAN-4711 Datasheet
82Kb / 1P
   Power Transformers International
logo
Wabash Transformer Inc.
VDE-25P-10 WABASH-VDE-25P-10 Datasheet
778Kb / 2P
   International Power Transformer
VDE-025P-10 WABASH-VDE-025P-10 Datasheet
741Kb / 2P
   International Power Transformer
VDE-10T-10 WABASH-VDE-10T-10 Datasheet
782Kb / 3P
   International Power Transformer
logo
PowerVolt Inc.
14P-56-24 POWERVOLT-14P-56-24 Datasheet
70Kb / 1P
   International Power transformer
logo
Wabash Transformer Inc.
VDE-25L-10 WABASH-VDE-25L-10 Datasheet
767Kb / 3P
   International Power Transformer
VDE-10L-10 WABASH-VDE-10L-10 Datasheet
750Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
P41-43-10 POWERVOLT-P41-43-10 Datasheet
307Kb / 1P
   INTERNATIONAL POWER TRANSFORMER
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com