Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN75LBC776DWR Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza SN75LBC776DWR
Descripción Electrónicos  SINGLE-CHIP GeoPort TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC776DWR Datasheet(HTML) 3 Page - Texas Instruments

  SN75LBC776DWR Datasheet HTML 1Page - Texas Instruments SN75LBC776DWR Datasheet HTML 2Page - Texas Instruments SN75LBC776DWR Datasheet HTML 3Page - Texas Instruments SN75LBC776DWR Datasheet HTML 4Page - Texas Instruments SN75LBC776DWR Datasheet HTML 5Page - Texas Instruments SN75LBC776DWR Datasheet HTML 6Page - Texas Instruments SN75LBC776DWR Datasheet HTML 7Page - Texas Instruments SN75LBC776DWR Datasheet HTML 8Page - Texas Instruments SN75LBC776DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN75LBC776
SINGLE-CHIP GeoPort
 TRANSCEIVER
SLLS221B – NOVEMBER 1995 – REVISED MARCH 2002
3
www.ti.com
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Positive supply voltage range, VCC (see Note 1)
– 0.5 to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Negative supply voltage range, VEE (see Note 1)
– 7 to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver input voltage range (RA, RB)
– 15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver differential input voltage range, VID
– 12 to 12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver output voltage range (RY)
– 0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver output voltage range (Power Off) (DY1, DY2, DZ2)
– 15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver output voltage range (Power On) (DY1, DY2, DZ2)
– 11 V to 11 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver input voltage range (DA, SHND, DEN)
– 0.5 V to VCC+ 0.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge (see Note 2): (Bus terminals), Class 3, A
6 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Bus terminals), Class 3, B
500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(All terminals), Class 3, A
6 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(All terminals), Class 3, B
500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to network ground terminal unless otherwise noted.
2. This parameter is measured in accordance with MIL-STD-883C, Method 3015.7.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
OPERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
DB
1035 mW
8.3 mW/
°C
660 mW
DW
1125 mW
9.0 mW/
°C
720 mW


Número de pieza similar - SN75LBC776DWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN75LBC776DW TI-SN75LBC776DW Datasheet
208Kb / 14P
[Old version datasheet]   SINGLE-CHIP GeoPortE TRANSCEIVER
More results

Descripción similar - SN75LBC776DWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN75LBC771 TI1-SN75LBC771_07 Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
SN75LBC773 TI1-SN75LBC773_05 Datasheet
206Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
logo
Mitel Networks Corporat...
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
   E1 Single-Chip Transceiver
REV: 01106
logo
Mitel Networks Corporat...
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
   E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
   E1 Single-Chip Transceiver
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
logo
ATMEL Corporation
T2801 ATMEL-T2801 Datasheet
241Kb / 27P
   DECT Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2151Q MAXIM-DS2151Q Datasheet
626Kb / 60P
   T1 Single-Chip Transceiver
REV: 011706
logo
ATMEL Corporation
T2801 ATMEL-T2801_06 Datasheet
499Kb / 31P
   DECT Single-Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com