Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPIC46L02DBRG4 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TPIC46L02DBRG4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 23 page TPIC46L01, TPIC46L02, TPIC46L03 6CHANNEL SERIAL AND PARALLEL LOW SIDE PREFET DRIVER SLIS055B − NOVEMBER 1996 − REVISED AUGUST 2001 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT IBAT Supply current, VBAT All outputs off, VBAT = 12 V 300 500 700 µA ICC Supply current, VCC All outputs off, VBAT = 5.5 V 1 2.6 4.2 mA V(turnon) Turnon voltage, logic operational, VCC VBAT = 5.5 V, Check output functionality 2.6 3.5 4.4 V V(ovsd) Over-battery voltage shutdown Gate disabled, See Figure 16 32 34 36 V Vhys(ov) Over-battery voltage reset hysteresis Gate disabled, See Figure 16 0.5 1 1.5 V V(uvsd) Under-battery voltage shutdown, (TPIC46L01, L02 only) Gate disabled, See Figure 17 4.1 4.8 5.4 V Vhys(uv) Under-battery-voltage reset hysteresis, (TPIC46L01, L02 only) Gate disabled, See Figure 17 100 200 300 mV VG Gate drive voltage 8 V < VBAT < 24 V, IO = 100 µA 7 13.5 V VG Gate drive voltage 5.5 V < VBAT < 8 V, IO = 100 µA 5 7 V IO(H) Maximum current output for drive terminals, pullup VO = GND 0.5 1.2 2.5 mA IO(L) Maximum current output for drive terminals, pulldown VO = 7 V 0.5 1.2 2.5 mA V(stb) Short-to-battery/shorted-load/open-load detection voltage VCOMPEN = L 1.1 1.25 1.4 V Vhys(stb) Short-to-battery hysteresis 40 100 150 mV VD(open) Open-load off-state detection drain voltage threshold VCOMPEN = L 1.1 1.25 1.4 V Vhys(open) Open-load hysteresis 40 100 150 mV II(open) Open-load off-state detection current 30 60 80 µA II(PU) Input pullup current (CS) VCC = 5 V, VIN = 0 V 10 µA II(PD) Input pulldown current VCC = 5 V, VIN = 5 V 10 µA VI(hys) Input voltage hysteresis VCC = 5 V 0.6 0.85 1.1 V VO(SH) High-level serial output voltage IO = 1 mA 0.8 VCC V VO(SL) Low-level serial output voltage IO = 1 mA 0.1 0.4 V IOZ(SD) 3-state current serial-data output VCC = 0 V to 5.5 V -10 1 10 µA VO(CFLT) Fault-interrupt output voltage IO = 1 mA 0.1 0.5 V VI(COMP) Fault-external reference voltage, (TPIC46L01, L02 only) VCOMPEN = H 0.25 3 V VI(COMP) Fault-external reference voltage, (TPIC46L03 only) VCOMPEN = H 1 3 V VC Output clamp voltage, (TPIC46L01, L02 only) dc < 1%, tw = 100 µs 47 55 63 V VC Output clamp voltage, (TPIC46L03 only) dc < 1%, tw = 100 µs 47 60 V |
Número de pieza similar - TPIC46L02DBRG4 |