Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC46L01DB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPIC46L01DB
Descripción Electrónicos  6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC46L01DB Datasheet(HTML) 1 Page - Texas Instruments

  TPIC46L01DB Datasheet HTML 1Page - Texas Instruments TPIC46L01DB Datasheet HTML 2Page - Texas Instruments TPIC46L01DB Datasheet HTML 3Page - Texas Instruments TPIC46L01DB Datasheet HTML 4Page - Texas Instruments TPIC46L01DB Datasheet HTML 5Page - Texas Instruments TPIC46L01DB Datasheet HTML 6Page - Texas Instruments TPIC46L01DB Datasheet HTML 7Page - Texas Instruments TPIC46L01DB Datasheet HTML 8Page - Texas Instruments TPIC46L01DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPIC46L01, TPIC46L02, TPIC46L03
6CHANNEL SERIAL AND PARALLEL LOW SIDE PREFET DRIVER
SLIS055B − NOVEMBER 1996 − REVISED AUGUST 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 6-Channel Serial-In/Parallel-In Low-side
Pre-FET Driver
D Device Can Be Cascaded
D Internal 55-V Inductive Load Clamp and
VGS Protection Clamp for External Power
FETs
D Independent Shorted-Load/Short-to-Battery
Fault Detection on All Drain Terminals
D Independent Off-State Open-Load Fault
Sense
D Over-Battery-Voltage Lockout Protection
and Fault Reporting
D Under-Battery Voltage Lockout Protection
for TPIC46L01 and TPIC46L02
D Asynchronous Open-Drain Fault Flag
D Device Output Can Be Wire-ORed With
Multiple External Devices
D Fault Status Returned Through Serial
Output Terminal
D Internal Global Power-On Reset of Device
D High-Impedance CMOS Compatible Inputs
With Hysteresis
D TPIC46L01 and TPIC46L03 Disables the
Gate Output When a Shorted-Load Fault
Occurs
D TPIC46L02 Transitions the Gate Output to a
Low-Duty Cycle PWM Mode When a
Shorted-Load Fault Occurs
description
The TPIC46L01, TPIC46L02, and TPIC46L03 are low-side predrivers that provide serial input interface and
parallel input interface to control six external field-effect transistor(FET) power switches such as offered in the
Texas Instruments TPIC family of power arrays. These devices are designed primarily for low-frequency
switching, inductive load applications such as solenoids and relays. Fault status for each channel is available
in a serial-data format. Each driver channel has independent off-state open-load detection and on-state
shorted-load/short-to-battery detection. Battery overvoltage and undervoltage detection and shutdown are
provided. Battery and output load faults provide real-time fault reporting to the controller. Each channel also
provides inductive-voltage-transient protection for the external FET.
These devices provide control of output channels through a serial input interface or a parallel input interface.
A command to enable the output from either interface enables the respective channel GATE output to the
external FET. The serial input interface is recommended when the number of signals between the control device
and the predriver must be minimized, and the speed of operation is not critical. In applications where the
predriver must respond very quickly or asynchronously, the parallel input interface is recommended.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2001, Texas Instruments Incorporated
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
FLT
VCOMPEN
VCOMP
IN0
IN1
IN2
IN3
IN4
IN5
CS
SDO
SDI
SCLK
VCC
VBAT
GATE0
DRAIN0
GATE1
DRAIN1
DRAIN2
GATE2
GATE3
DRAIN3
DRAIN4
GATE4
DRAIN5
GATE5
GND
DB PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Número de pieza similar - TPIC46L01DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC46L01DB TI-TPIC46L01DB Datasheet
255Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com