Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2115PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2115PW
Descripción Electrónicos  AUTOSWITCHING POWER MULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2115PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2115PW Datasheet HTML 2Page - Texas Instruments TPS2115PW Datasheet HTML 3Page - Texas Instruments TPS2115PW Datasheet HTML 4Page - Texas Instruments TPS2115PW Datasheet HTML 5Page - Texas Instruments TPS2115PW Datasheet HTML 6Page - Texas Instruments TPS2115PW Datasheet HTML 7Page - Texas Instruments TPS2115PW Datasheet HTML 8Page - Texas Instruments TPS2115PW Datasheet HTML 9Page - Texas Instruments TPS2115PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
TRUTH TABLE
TPS2114
TPS2115
SLVS447A – DECEMBER 2002 – REVISED MARCH 2004
over recommended operating junction temperature range, V
I(IN1) = VI(IN2) = 5.5 V, R(ILIM) = 400 Ω (unless otherwise noted)
TPS2114
TPS2115
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP MAX
POWER SWITCH
TJ = 25°C, CL = 1 µF,
Output rise time from an
tr
VI(IN1) = VI(IN2) = 5 V
IL = 500 mA,
0.5
1.0
1.5
1
1.8
3
ms
enable(1)
See Figure 1(a)
TJ = 25°C, CL = 1 µF,
Output fall time from a
tf
VI(IN1) = VI(IN2) = 5 V
IL = 500 mA,
0.35
0.5
0.7
0.5
1
2
ms
disable(1)
See Figure 1(a)
IN1 to IN2 transition,
TJ = 125°C,
VI(IN1) = 3.3 V,
CL = 10 µF,
40
60
40
60
VI(IN2) = 5 V
IL= 500 mA [Measure
transition time as
tt
Transition time(1)
µs
10-90% rise time or
IN2 to IN1 transition,
from 3.4 V to 4.8 V
VI(IN1) = 5 V,
40
60
40
60
on VO(OUT)],
VI(IN2) = 3.3 V
See Figure 1(b)
TJ = 25°C,
VI(IN1)= VI(IN2) = 5 V,
Turnon propagation delay
CL = 10 µF,
tPLH1
Measured from enable
0.5
1
ms
from enable(1)
IL= 500 mA,
to 10% of VO(OUT)
SeeFigure 1(a)
TJ = 25°C,
VI(IN1) = VI(IN2) = 5 V,
Turnoff propagation delay
CL = 10 µF,
tPHL1
Measured from disable
3
5
ms
from a disable(1)
IL= 500 mA,
to 90% of VO(OUT)
See Figure 1(a)
Logic 1 to Logic 0 tran-
sition on D1,
TJ = 25°C,
VI(IN1) = 1.5 V,
Switch-over rising
CL = 10 µF,
tPLH2
VI(IN2) = 5 V,
0.17
1
0.17
1
ms
propagation delay(1)
IL= 500 mA,
VI(D0)= 0 V,
See Figure 1(c)
Measured from D1 to
10% of VO(OUT)
Logic 0 to Logic 1 tran-
sition on D1,
TJ = 25°C,
VI(IN1) = 1.5 V,
Switch-over falling
CL = 10 µF,
tPHL2
VI(IN2) = 5V,
2
3
10
2
5
10
ms
propagation delay(1)
IL= 500 mA,
VI(D0)= 0 V, Measured
See Figure 1(c)
from D1 to 90% of
VO(OUT)
(1)
Not tested in production.
D1
D0
VI(IN2) > VI(IN1)
STAT
OUT(1)
0
0
X
Hi-Z
IN2
0
1
No
0
IN1
0
1
Yes
Hi-Z
IN2
1
0
X
0
IN1
1
1
X
0
Hi-Z
(1)
The under-voltage lockout circuit causes the output OUT to go Hi-Z
if the selected power supply does not exceed the IN1/IN2 UVLO, or
if neither of the supplies exceeds the internal VDD UVLO.
6


Número de pieza similar - TPS2115PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2115PW TI-TPS2115PW Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results

Descripción similar - TPS2115PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com