Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2115ADRBT Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS2115ADRBT Datasheet(HTML) 3 Page - Texas Instruments |
3 / 27 page TPS2114A TPS2115A www.ti.com SBVS044F – MARCH 2004 – REVISED MAY 2012 PACKAGE DISSIPATION RATINGS DERATING FACTOR TA ≤ 25°C POWER TA = 70°C POWER TA = 85°C POWER PACKAGE ABOVE TA = 25°C RATING RATING RATING TSSOP-8 (PW) 3.9 mW/°C 387 mW 213 mW 155 mW SON-8 (DRB) 25.0 mW/°C 2.50 W 1.38 W 1.0 W RECOMMENDED OPERATING CONDITIONS MIN NOM MAX UNIT VI(IN2) ≥ 2.8 V 1.5 5.5 V Input voltage at IN1, VI(IN1) VI(IN2) < 2.8 V 2.8 5.5 V VI(IN1) ≥ 2.8 V 1.5 5.5 V Input voltage at IN2, VI(IN2) VI(IN1) < 2.8 V 2.8 5.5 V Input voltage, VI(DO), VI(D1) 0 5.5 V TPS2114APW 0.31 0.75 A Nominal current limit adjustment range, TPS2115APW 0.63 1.25 A IO(OUT) (1) TPS2115ADRB, TJ ≤ 105°C 0.63 2 A Operating virtual junction temperature, TJ –40 125 °C (1) Minimum recommended current is based on accuracy considerations. ELECTRICAL CHARACTERISTICS: POWER SWITCH Over recommended operating junction temperature range, VI(IN1) = VI(IN2) = 5.5 V, and RILIM = 400 Ω, unless otherwise noted. TPS2114A TPS2115A PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX UNIT TJ = 25°C, IL = 500 mA, VI(IN1) = VI(IN2) = 5.0 V 120 140 84 110 m Ω TJ = 25°C, IL = 500 mA, VI(IN1) = VI(IN2) = 3.3 V 120 140 84 110 m Ω TJ = 25°C, IL = 500 mA, VI(IN1) = VI(IN2) = 2.8 V 120 140 84 110 m Ω Drain-source on-state rDS(on) (1) resistance (INx −OUT) TJ = 125°C, IL = 500 mA, VI(IN1) = VI(IN2) = 5.0 V 220 150 m Ω TJ = 125°C, IL = 500 mA, VI(IN1) = VI(IN2) = 3.3 V 220 150 m Ω TJ = 125°C, IL = 500 mA, VI(IN1) = VI(IN2) = 2.8 V 220 150 m Ω (1) The TPS211xA can switch a voltage as low as 1.5 V as long as there is a minimum of 2.8 V at one of the input power pins. In this specific case, the lower supply voltage has no effect on the IN1 and IN2 switch on-resistances. Copyright © 2004–2012, Texas Instruments Incorporated 3 |
Número de pieza similar - TPS2115ADRBT |
|
Descripción similar - TPS2115ADRBT |