Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-261A-560E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-261A-560E
Descripción Electrónicos  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261A-560E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261A-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-560E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-560E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-560E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A-560E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Switching Specifications
Over recommended operating temperature (T
A = - 40°C to +85°C) unless otherwise specified.
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Input Current Threshold
I
THL
1.5
3.0
mA
V
CC = 5.5 V, VO = 0.6 V,
7, 10
18
High to Low
I
O >13 mA (Sinking)
Propagation Delay
t
PLH
52
100
ns
I
F = 3.5 mA
9, 11,
4, 9,
Time to High Output
V
CC = 5.0 V,
12
18
Level
V
E = Open,
Propagation Delay
t
PHL
53
100
ns
9, 11,
4, 10,
Time to Low Output
12
18
Level
Pulse Width Distortion
PWD
11
45
ns
9, 13
17, 18
|t
PHL - tPLH|
Propagation Delay Skew
t
PSK
60
ns
24
11, 18
Output Rise Time
t
R
42
ns
9, 14
4, 18
Output Fall Time
t
F
12
ns
9, 14
4, 18
Propagation Delay
t
EHL
19
ns
I
F = 3.5 mA
15,
12
Time of Enable
V
CC = 5.0 V,
16
from V
EH to VEL
V
EL = 0 V, VEH = 3 V,
Propagation Delay
t
ELH
30
ns
15,
12
Time of Enable
16
from V
EL to VEH
*All typical values at T
A = 25°C, VCC = 5 V.
C
L = 15 pF,
R
L = 350 Ω
C
L = 15 pF,
R
L = 350 Ω
Common Mode Transient Immunity Specifications, All values at T
A = 25°C
Parameter
Device
Symbol
Min.
Typ. Max.
Units
Test Conditions
Fig.
Note
Output High
HCPL-261A
|CM
H|
1
5
kV/µs V
CM = 50 V
V
CC = 5.0 V,
17
4, 13,
Level Common
HCPL-061A
R
L = 350 Ω,
15, 18
Mode Transient
HCPL-263A
I
F = 0 mA,
Immunity
HCPL-063A
T
A = 25°C
HCPL-261N
1
5
kV/µs V
CM = 1000 V
HCPL-061N
HCPL-263N
15
25
kV/µs
Using Avago
20
4, 13,
HCPL-063N
App Circuit
15
Output Low
HCPL-261A
|CM
L|
1
5
kV/µs V
CM = 50 V
V
CC = 5.0 V,
17
4, 14,
Level Common
HCPL-061A
R
L = 350 Ω,
15, 18
Mode Transient
HCPL-263A
I
F = 3.5 mA,
Immunity
HCPL-063A
V
O(MAX) = 0.8 V
HCPL-261N
1
5
kV/µs V
CM = 1000 V
HCPL-061N
HCPL-263N
15
25
kV/µs
Using Avago
20
4, 14,
HCPL-063N
App Circuit
15
V
O(MIN) = 2 V
T
A = 25°C


Número de pieza similar - HCPL-261A-560E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A-560E AVAGO-HCPL-261A-560E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

Descripción similar - HCPL-261A-560E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063A-000E AVAGO-HCPL-063A-000E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com