Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS53315RGFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS53315RGFR
Descripción Electrónicos  12-A Step-Down Regulator with Integrated Switcher
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53315RGFR Datasheet(HTML) 5 Page - Texas Instruments

  TPS53315RGFR Datasheet HTML 1Page - Texas Instruments TPS53315RGFR Datasheet HTML 2Page - Texas Instruments TPS53315RGFR Datasheet HTML 3Page - Texas Instruments TPS53315RGFR Datasheet HTML 4Page - Texas Instruments TPS53315RGFR Datasheet HTML 5Page - Texas Instruments TPS53315RGFR Datasheet HTML 6Page - Texas Instruments TPS53315RGFR Datasheet HTML 7Page - Texas Instruments TPS53315RGFR Datasheet HTML 8Page - Texas Instruments TPS53315RGFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPS53315
www.ti.com
SLUSAE6 – DECEMBER 2010
ELECTRICAL CHARACTERISTICS
Over recommended free-air temperature range, VDD = 12 V (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC THRESHOLD AND SETTING CONDITIONS
Enable
1.8
V
VEN
EN voltage threshold
Disable
0.6
IEN
EN input current
VEN = 5 V
1.0
µA
RRF = 0 Ω to GND, TA = 25°C
(1)
200
250
300
RRF = 187 kΩ to GND, TA = 25°C
(1)
250
300
350
RRF = 619 kΩ to GND, TA = 25°C
(1)
350
400
450
RRF = Open, TA = 25°C
(1)
450
500
550
fSW
Switching frequency
kHz
RRF = 866 kΩ to VREG, TA = 25°C
(1)
580
650
720
RRF = 309 kΩ to VREG, TA = 25°C
(1)
670
750
820
RRF = 124 kΩ to VREG, TA = 25°C
(1)
770
850
930
RRF = 0 Ω to VREG, TA = 25°C
(1)
880
970
1070
PROTECTION: CURRENT SENSE
ITRIP
TRIP source current
VTRIP = 1 V, TA = 25°C
9.4
10.0
10.6
µA
TCITRIP
TRIP current temperature coefficent
On the basis of 25°C(2)
4700
ppm/°C
VTRIP
Current limit threshold setting range
VTRIP-GND voltage
0.2
1.2
V
VTRIP = 1.2 V
140
150
160
VOCL
Current limit threshold
VTRIP = 0.2
19
26
33
mV
VTRIP = 1.2 V
–160
–150
–140
VOCLN
Negative current limit threshold
VTRIP = 0.2 V
–33
–26
–19
Positive
3
15
VAZCADJ
Auto zero cross adjustable range
mV
Negative
–15
–3
PROTECTION: UVP and OVP
VOVP
OVP trip threshold
OVP detect
115%
120%
125%
tOVPDEL
OVP propagation delay time
VFB delay with 50-mV overdrive
1
µs
VUVP
Output UVP trip threshold time
UVP detect
65%
70%
75%
tUVPDEL
Output UVP propagation delay time
0.8
1
1.2
ms
tUVPEN
Output UVP enable delay time
from EN to UVP workable, RMODE = 39 kΩ
2.0
2.6
3.2
ms
UVLO
Wake up
4.00
4.20
4.32
VUVVREG
VREG UVLO threshold
V
Hysteresis
0.25
THERMAL SHUTDOWN
Shutdown temperature(2)
145
TSDN
Thermal shutdown threshold
°C
Hysteresis(2)
10
(1)
Not production tested. Test condition is VIN = 12 V, VOUT= 1.1 V, IOUT= 5 A using application circuit shown in Figure 33.
(2)
Ensured by design. Not production tested.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS53315


Número de pieza similar - TPS53315RGFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53315RGFR TI1-TPS53315RGFR Datasheet
1Mb / 35P
[Old version datasheet]   Step-Down Regulator
More results

Descripción similar - TPS53315RGFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com