Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL-261N-520E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-261N-520E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED |
6 / 17 page 6 Insulation and Safety Related Specifications 8-Pin DIP (300 Mil) SO-8 Parameter Symbol Value Value Units Conditions Minimum External Air L(101) 7.1 4.9 mm Measured from input terminals to Gap (External output terminals, shortest distance Clearance) through air. Minimum External L(102) 7.4 4.8 mm Measured from input terminals to Tracking (External output terminals, shortest distance Creepage) path along body. Minimum Internal Plastic 0.08 0.08 mm Through insulation distance, conductor Gap (Internal Clearance) to conductor, usually the direct distance between the photoemitter and photodetector inside the optocoupler cavity. Tracking Resistance CTI 200 200 Volts DIN IEC 112/ VDE 0303 Part 1 (Comparative Tracking Index) Isolation Group IIIa IIIa Material Group (DIN VDE 0110, 1/89, Table 1) Option 300 – surface mount classification is Class A in accordance with CECC 00802. IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics Description Symbol PDIP Option 060 SO-8 Option 60 Units Installation classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage ≤ 150 V rms I-IV for rated mains voltage ≤ 300 V rms I-IV I-III for rated mains voltage ≤ 600 V rms I-III I-II Climatic Classification 55/85/21 55/85/21 Pollution Degree (DIN VDE 0110/1.89) 2 2 Maximum Working Insulation Voltage V IORM 630 566 V peak Input to Output Test Voltage, Method b* V IORM x 1.875 = VPR, 100% Production Test V PR 1181 1063 V peak with t m = 1 sec, Partial Discharge < 5 pC Input to Output Test Voltage, Method a* V IORM x 1.5 = VPR, Type and Sample Test, V PR 945 849 V peak t m = 60 sec, Partial Discharge < 5 pC Highest Allowable Overvoltage* V IOTM 6000 4000 V peak (Transient Overvoltage, t ini = 10 sec) Safety Limiting Values (See below for Thermal Derating Curve Figures) Case Temperature T S 175 150 ˚C Input Current I S,INPUT 230 150 mA Output Power P S,OUTPUT 600 600 mW Insulation Resistance at T S, VIO = 500 V R S ≥ 109 ≥ 109 Ω *Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-2, for a detailed description. Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application. |
Número de pieza similar - HCPL-261N-520E |
|
Descripción similar - HCPL-261N-520E |