Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS60213DGSRG4 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS60213DGSRG4
Descripción Electrónicos  REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60213DGSRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS60213DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS60213DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS60213DGSRG4 Datasheet HTML 9Page - Texas Instruments TPS60213DGSRG4 Datasheet HTML 10Page - Texas Instruments TPS60213DGSRG4 Datasheet HTML 11Page - Texas Instruments TPS60213DGSRG4 Datasheet HTML 12Page - Texas Instruments TPS60213DGSRG4 Datasheet HTML 13Page - Texas Instruments TPS60213DGSRG4 Datasheet HTML 14Page - Texas Instruments TPS60213DGSRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
TPS60210
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
3.0
2.9
2.8
2.7
1.6
2.0
2.4
2.8
3.1
3.2
3.4
3.2
3.6
3.3
1 mA
50 mA
100 mA
VI − Input Voltage − V
Figure 10
TPS60212
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
3.15
3.10
3.05
3.00
1.6
2.0
2.4
2.8
3.20
3.25
3.35
3.2
3.6
3.30
1 mA
25 mA
50 mA
VI − Input Voltage − V
Figure 11
30
28
24
22
20
38
26
1.6 1.8
2.0
2.2
2.4
2.6
2.8
34
32
36
V − Input Voltage − V
QUIESCENT SUPPLY CURRENT
vs
INPUT VOLTAGE
40
3.0
3.2
3.4
3.6
I
IO = 0 mA
SNOOZE = VI
Figure 12
0
10
20
30
40
50
60
70
0
0.2
0.4
0.6 0.8
1
1.2
1.4
1.6
1.8
2
QUIESCENT SUPPLY CURRENT
vs
OUTPUT CURRENT IN SNOOZE MODE
IO − Output Current − mA
VI = 2.4 V
SNOOZE = GND


Número de pieza similar - TPS60213DGSRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60213DGSR TI1-TPS60213DGSR Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
More results

Descripción similar - TPS60213DGSRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60210 TI-TPS60210 Datasheet
371Kb / 21P
[Old version datasheet]   REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com