Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC1845L883B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UC1845L883B
Descripción Electrónicos  CURRENT MODE PWM CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC1845L883B Datasheet(HTML) 1 Page - Texas Instruments

  UC1845L883B Datasheet HTML 1Page - Texas Instruments UC1845L883B Datasheet HTML 2Page - Texas Instruments UC1845L883B Datasheet HTML 3Page - Texas Instruments UC1845L883B Datasheet HTML 4Page - Texas Instruments UC1845L883B Datasheet HTML 5Page - Texas Instruments UC1845L883B Datasheet HTML 6Page - Texas Instruments UC1845L883B Datasheet HTML 7Page - Texas Instruments UC1845L883B Datasheet HTML 8Page - Texas Instruments UC1845L883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
DESCRIPTION
BLOCK DIAGRAM
11
A/B
Vcc
7 12
5
9
GROUND
4
7
RT/CT
2
3
VFB
1
1
COMP
3
5
CURRENT
SENSE
34 V
2.50 V
OSC
UVLO
S/R
5 V
REF
VREF
Good
Logic
Internal
BIAS
Error
Amp
2R
R
1 V
CURRENT
SENSE
COMPARATOR
PWM
LATCH
S
R
T
8 14
VREF
5 V
50 mA
7
VC
10
6
OUTPUT
8
5
POWER
GROUND
Note 1:
Note 2:
A = DIL−8 Pin Number. B = SO−14 and CFP−14 Pin Number.
Toggle flip flop used only in 1844 and 1845.
UC1842/3/4/5
UC2842/3/4/5
UC3842/3/4/5
SLUS223C – APRIL 1997 – REVISED JUNE 2007
CURRENT MODE PWM CONTROLLER
• Optimized For Off-line and DC-to-DC
The UC1842/3/4/5 family of control devices provides
Converters
the necessary features to implement off-line or
dc-to-dc
fixed
frequency
current
mode
control
• Low Start-Up Current (<1 mA)
schemes with a minimal external parts count.
• Automatic Feed Forward Compensation
Internally implemented circuits include under-voltage
• Pulse-by-Pulse Current Limiting
lockout featuring start up current less than 1 mA, a
precision reference trimmed for accuracy at the error
• Enhanced Load Response Characteristics
amp input, logic to insure latched operation, a PWM
• Under-Voltage Lockout With Hysteresis
comparator which also provides current limit control,
• Double Pulse Suppression
and a totem pole output stage designed to source or
sink high peak current. The output stage, suitable for
• High Current Totem Pole Output
driving N-Channel MOSFETs, is low in the off state.
• Internally Trimmed Bandgap Reference
Differences between members of this family are the
• 500-kHz Operation
under-voltage lockout thresholds and maximum duty
• Low R
O Error Amp
cycle ranges. The UC1842 and UC1844 have UVLO
thresholds of 16 VON and 10 VOFF, ideally suited to
off-line applications. The corresponding thresholds
for the UC1843 and UC1845 are 8.4 V and 7.6 V.
The UC1842 and UC1843 can operate to duty cycles
approaching 100%. A range of zero to 50% is
obtained by the UC1844 and UC1845 by the addition
of an internal toggle flip flop which blanks the output
off every other clock cycle.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - UC1845L883B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1845L883B TI-UC1845L883B Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC1845L883B TI1-UC1845L883B Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845L883B TI-UC1845L883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845L883B TI-UC1845L883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845L883B TI-UC1845L883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Descripción similar - UC1845L883B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com