Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMN43121 Datasheet(PDF) 8 Page - Panasonic Semiconductor

No. de pieza AMN43121
Descripción Electrónicos  Passive infrared human detection sensor with built-in amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN43121 Datasheet(HTML) 8 Page - Panasonic Semiconductor

  AMN43121 Datasheet HTML 1Page - Panasonic Semiconductor AMN43121 Datasheet HTML 2Page - Panasonic Semiconductor AMN43121 Datasheet HTML 3Page - Panasonic Semiconductor AMN43121 Datasheet HTML 4Page - Panasonic Semiconductor AMN43121 Datasheet HTML 5Page - Panasonic Semiconductor AMN43121 Datasheet HTML 6Page - Panasonic Semiconductor AMN43121 Datasheet HTML 7Page - Panasonic Semiconductor AMN43121 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MP Motion Sensor (AMN2, 3, 4)
NOTES
For Cautions for Use.
1. Checkpoints relating to principle of
operation
MP motion sensors are passive infrared
sensors which detect changes in the
infrared rays. They may fail to detect
successfully if a heat source other than a
human being is detected or if there are
no temperature changes in or movement
of a heat source. Care must generally be
taken in the following cases. The
performance and reliability of the sensors
must be checked out under conditions of
actual use.
1) Cases where a heat source other
than a human being is detected.
(1) When a small animal enters the
detection range.
(2) When the sensor is directly exposed
to sunlight, a vehicle’s headlights, an
incandescent light or some other source
of far infrared rays.
(3) When the temperature inside the
detection range has changed suddenly
due to the entry of cold or warm air from
an air-conditioning or heating unit, water
vapor from a humidifier, etc.
2) Cases where it is difficult to detect
the heat source
(1) When an object made of glass, acrylic
or other subject which far infrared rays
have difficulty passing through is located
between the sensor and what is to be
detected.
(2) When the heat source inside the
detection range hardly moves or when it
moves at high speed; for details on the
movement speed, refer to the section on
the performance ratings.
2. When the detection area becomes
larger
When the difference between the
ambient temperature and body
temperature is large (more than 20
°C
68
°F), detection may occur in isolated
areas outside the specified detection
range.
3. Other handling cautions
1) Be careful not to allow dust or dirt to
accumulate on the lens as this will
adversely affect the detection sensitivity.
2) The lens is made of a soft material
(polyethylene).
Avoid applying a load or impact since this
will deform or scratch the lens, making
proper operation impossible and causing
a deterioration in its performance.
3) The sensor may be damaged if it is
exposed to static with a voltage
exceeding
±200V. Therefore, do not
touch its terminals directly, and exercise
adequate care in the handling of the
sensor.
4) When the leads are to be soldered,
solder them by hand for less than 3
seconds at a temperature of less than
350
°C 662°F at the tip of the soldering
iron. Avoid using a solder bath since this
will causing a deterioration in the
sensor’s performance.
5) Do not attempt to clean the sensor.
Cleaning fluid may enter inside the lens
area causing a deterioration in
performance.
6) When using the sensors with cables, it
is recommended that cables which are
shielded and as short as possible be
used in order to safeguard against the
effects of noise.
ASCTB240E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Número de pieza similar - AMN43121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AMN43121 PANASONIC-AMN43121 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
More results

Descripción similar - AMN43121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
EKMC1601112 PANASONIC-EKMC1601112 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Panasonic Semiconductor
EKMB PANASONIC-EKMB Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
logo
List of Unclassifed Man...
EKMC ETC1-EKMC Datasheet
556Kb / 6P
   Passive Infrared Motion Sensor
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
logo
Nais(Matsushita Electri...
AMN13111 NAIS-AMN13111 Datasheet
1Mb / 9P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
Sangdest Microelectroni...
SSR1680 SMC-SSR1680 Datasheet
238Kb / 11P
   Built-In Detection Voltage Hysteresis
logo
Panasonic Semiconductor
AMN13112 PANASONIC-AMN13112 Datasheet
1Mb / 8P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com