Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMN44122 Datasheet(PDF) 5 Page - Panasonic Semiconductor

No. de pieza AMN44122
Descripción Electrónicos  Passive infrared human detection sensor with built-in amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN44122 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AMN44122 Datasheet HTML 1Page - Panasonic Semiconductor AMN44122 Datasheet HTML 2Page - Panasonic Semiconductor AMN44122 Datasheet HTML 3Page - Panasonic Semiconductor AMN44122 Datasheet HTML 4Page - Panasonic Semiconductor AMN44122 Datasheet HTML 5Page - Panasonic Semiconductor AMN44122 Datasheet HTML 6Page - Panasonic Semiconductor AMN44122 Datasheet HTML 7Page - Panasonic Semiconductor AMN44122 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP Motion Sensor (AMN2, 3, 4)
3. Spot detection type
4. 10m detection type
TOP VIEW
0
X
19
°
19
°
0
°
(27
°)
(27
°)
2m
1.25
2.5m
2.5
1.25
5m
2.5
5m
5.562ft
4.101
8.202ft
8.202
4.101
16.404ft
8.202
16.404ft
SIDE VIEW
Y
11
°
11
°
0
°
0
(20
°)
(20
°)
2m
1.25
2.5m
2.5
1.25
5m
2.5
5m
5.562ft
4.101
8.202ft
8.202
4.101
16.404ft
8.202
16.404ft
Y
X
1m
1m
(Max. 2m)
(Max. 1.4m)
0.5
0.5
0.5
0.5
1m
1m
(Max. 6.562ft)
(Max. 4.593ft)
3.281ft
3.281ft
1.640
1.640
1.640
1.640
3.281ft
3.281ft
X-Y cross section
Notes: 1. The X-Y cross-sectional diagram shows the detection area.
2. The differences in the detection zone patterns are indicative of the projections of the 6 lenses with single focal point and with two optical axes.
An object whose temperature differs from the background temperature and which crosses inside the detection zone will be detected.
X-Y cross section
Notes: 1. The X-Y cross-sectional diagram shows the detection area.
2. The differences in the detection zone patterns are indicative of the projections
of the 20 lenses with single focal point and with five optical axes.
An object whose temperature differs from the background temperature and
which crosses inside the detection zone will be detected.
X
5m
10m
5m
10m
16.404ft
32.808ft
16.404ft
32.808ft
55
°
TOP VIEW
(58
°)
(58
°)
Y
5m
10m
5m
10m
16.404ft
32.808ft
16.404ft
32.808ft
46.5
°
46.5
°
SIDE VIEW
(50
°)
(50
°)
Detection zone
4
6
4
Y
X
6m
6m
(15.9m)
4
4
2
2
8
10m
6
8
10m
2
2
(12.3m)
(52.165ft)
(40.354ft)
13.123
19.685
13.123
19.685ft
19.685ft
13.123
13.123
6.562
6.562
26.247
32.808ft
19.685 26.247 32.808ft
6.562
6.562
5. Notes regarding the detection zone
The detection zone has the polarity shown in the diagram
on the right.
When targets enter both the + and – zones with the same
timing, the signals are cancelled each other, thus in this
case there is a possibility that the object cannot be detected
at the maximum specified detection distance.
Detection target Detection zone
• Sensor output
Move-
ment
Output (Analog)
Output (Digital)
Threshold value
Threshold value
*Threshold value: Level at which digital output turns on.
Detection
zone
Target
ASCTB240E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Número de pieza similar - AMN44122

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AMN44122 PANASONIC-AMN44122 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
More results

Descripción similar - AMN44122

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
EKMC1601112 PANASONIC-EKMC1601112 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Panasonic Semiconductor
EKMB PANASONIC-EKMB Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
logo
List of Unclassifed Man...
EKMC ETC1-EKMC Datasheet
556Kb / 6P
   Passive Infrared Motion Sensor
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
logo
Nais(Matsushita Electri...
AMN13111 NAIS-AMN13111 Datasheet
1Mb / 9P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
Sangdest Microelectroni...
SSR1680 SMC-SSR1680 Datasheet
238Kb / 11P
   Built-In Detection Voltage Hysteresis
logo
Panasonic Semiconductor
AMN13112 PANASONIC-AMN13112 Datasheet
1Mb / 8P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com