Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD19532Q5B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD19532Q5B
Descripción Electrónicos  100 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19532Q5B Datasheet(HTML) 2 Page - Texas Instruments

  CSD19532Q5B Datasheet HTML 1Page - Texas Instruments CSD19532Q5B Datasheet HTML 2Page - Texas Instruments CSD19532Q5B Datasheet HTML 3Page - Texas Instruments CSD19532Q5B Datasheet HTML 4Page - Texas Instruments CSD19532Q5B Datasheet HTML 5Page - Texas Instruments CSD19532Q5B Datasheet HTML 6Page - Texas Instruments CSD19532Q5B Datasheet HTML 7Page - Texas Instruments CSD19532Q5B Datasheet HTML 8Page - Texas Instruments CSD19532Q5B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSD19532Q5B
SLPS414 – DECEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
100
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 80 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
2.2
2.6
3.2
V
VGS = 6 V, ID = 17 A
4.6
5.7
m
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V, ID = 17 A
4.0
4.9
m
gfs
Transconductance
VDS = 50 V, ID = 17 A
84
S
Dynamic Characteristics
Ciss
Input Capacitance
3700
4810
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 50 V, f = 1 MHz
706
918
pF
Crss
Reverse Transfer Capacitance
14
18
pF
RG
Series Gate Resistance
1.2
2.4
Qg
Gate Charge Total (10 V)
48
62
nC
Qgd
Gate Charge Gate to Drain
8.7
nC
VDS = 50 V, ID = 17 A
Qgs
Gate Charge Gate to Source
13
nC
Qg(th)
Gate Charge at Vth
9.5
nC
Qoss
Output Charge
VDS = 50 V, VGS = 0 V
128
nC
td(on)
Turn On Delay Time
7
ns
tr
Rise Time
6
ns
VDS = 50 V, VGS = 10 V,
IDS = 17 A, RG = 0 Ω
td(off)
Turn Off Delay Time
22
ns
tf
Fall Time
6
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 17 A, VGS = 0 V
0.8
1.0
V
Qrr
Reverse Recovery Charge
249
nC
VDS= 50 V, IF = 17 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
80
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case(1)
0.8
°C/W
RθJA
Thermal Resistance Junction to Ambient(1)(2)
50
°C/W
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD19532Q5B


Número de pieza similar - CSD19532Q5B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19532Q5BT TI1-CSD19532Q5BT Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
More results

Descripción similar - CSD19532Q5B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
CSD19538Q3A TI1-CSD19538Q3A Datasheet
348Kb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD19536KCS TI1-CSD19536KCS Datasheet
467Kb / 10P
[Old version datasheet]   CSD19536KCS, 100 V N-Channel NexFET Power MOSFET
CSD19536KTT TI-CSD19536KTT_15 Datasheet
852Kb / 14P
[Old version datasheet]   CSD19536KTT 100 V N-Channel NexFET Power MOSFET
CSD19537Q3 TI-CSD19537Q3_15 Datasheet
478Kb / 13P
[Old version datasheet]   CSD19537Q3 100 V N-Channel NexFET Power MOSFET
CSD19534KCS TI-CSD19534KCS_15 Datasheet
300Kb / 12P
[Old version datasheet]   CSD19534KCS 100 V N-Channel NexFET Power MOSFET
CSD19535KCS TI1-CSD19535KCS Datasheet
804Kb / 10P
[Old version datasheet]   CSD19535KCS, 100 V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD19533KCS TI1-CSD19533KCS Datasheet
768Kb / 10P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com