Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AKD4380 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

No. de pieza AKD4380
Descripción Electrónicos  EVALUATION BOARD REV.A FOR AK4380
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4380 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4380 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4380 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4380 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4380 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4380 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4380 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4380 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4380 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4380 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ASAHI KASEI
[AKD4380]
<KM061500>
’00/04
- 3 -
3) Using AKM’s evaluation board for ADC
To evaluate AK4380 with analog input, the AKM’s evaluation board for ADC can be used. MCLK, BICK and
LRCK are supplied from clock generator on the AKD4380, and analog signal is A/D converted and send to
AKD4380 through PORT2(ADC/ROM). In case of using external master clock through a BNC connector, select
“BNC” on JP12(MCLK) and short JP13(XTE).
JP12
MCLK
JP11
DIR
JP3
BICK
DIR
ADC
JP4
LRCK
JP10
DIR_DATA
JP9
SDTI
DIR
ADC
GND
VD
DATA
GND
JP13
XTE
4) Feeding all signals from external
Under the following set-up, all external signals can be fed through POTR2.
JP12
MCLK
JP11
DIR
JP3
BICK
DIR
ADC
JP4
LRCK
JP10
DIR_DATA
JP9
SDTI
DIR
ADC
GND
VD
DATA
GND
JP13
XTE
n Clock (MCLK,BICK,LRCK) set up
In case of using evaluation mode 1), JP9,10 and 17 should be set up as follows.
They need no care for other evaluation mode.
MCLK
JP5
(X_MCLK)
JP8
(X_LRCK)
BICK
JP7
(X_BICK)
128fs
256/128
LR_128
32fs
64fs
64fs/32fs
128fs/64fs
256fs
256/128
LR_256/512
32fs
64fs
128fs
32fs
64fs/32fs
128fs/64fs
default
512fs
512
LR_256/512
32fs
64fs
128fs
32fs
64fs/32fs
128fs/64fs
Table 1. Clock set up


Número de pieza similar - AKD4380

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AKD4380 AKM-AKD4380 Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
More results

Descripción similar - AKD4380

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
   EVALUATION BOARD REV.A FOR AK4523
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
   EVALUATION BOARD REV.A FOR AK5393
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
   EVALUATION BOARD REV.A FOR AK4309B
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
   EVALUATION BOARD REV.A FOR AK4363
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
   Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
   Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
   Evaluation board Rev.A for AK5365
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
   EVALUATION BOARD REV.A FOR AK4524
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
   EVALUATION BOARD REV.A FOR AK4353
AKD4122 AKM-AKD4122 Datasheet
516Kb / 36P
   Evaluation board Rev.A for AK4122
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com