Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR14003XDDCR Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LMR14003XDDCR
Descripción Electrónicos  SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14003XDDCR Datasheet(HTML) 5 Page - Texas Instruments

  LMR14003XDDCR Datasheet HTML 1Page - Texas Instruments LMR14003XDDCR Datasheet HTML 2Page - Texas Instruments LMR14003XDDCR Datasheet HTML 3Page - Texas Instruments LMR14003XDDCR Datasheet HTML 4Page - Texas Instruments LMR14003XDDCR Datasheet HTML 5Page - Texas Instruments LMR14003XDDCR Datasheet HTML 6Page - Texas Instruments LMR14003XDDCR Datasheet HTML 7Page - Texas Instruments LMR14003XDDCR Datasheet HTML 8Page - Texas Instruments LMR14003XDDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
±1.5%
±1.0%
±0.5%
0.0%
0.5%
1.0%
1.5%
0
100
200
300
400
500
600
Load Current (mA)
C003
0.1
1
10
100
4
14
24
34
44
Input Voltage (V)
C001
Sleep
Shutdown
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
C001
Vout = 3.3V
Vout = 5V
±4%
±3%
±2%
±1%
0%
1%
2%
3%
4%
5
7
9
11
13
15
17
19
21
Input Voltage (V)
C002
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
C002
Vin = 15V
Vin = 18V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
C003
Vin = 12V
Vin = 15V
LMR14003, LMR14006
www.ti.com
SNVSA10 – NOVEMBER 2013
TYPICAL CHARACTERISTICS
VIN = 12V, TA = 25°C, unless otherwise specified.
Efficiency vs. Load Current
Efficiency vs. Load Current
(fSW = 2.1MHz, Vout = 12V)
(fSW = 2.1MHz, Vout = 5V)
Figure 2.
Figure 3.
Efficiency vs. Load Current
(fSW=2.1MHz)
Line Regulation (Vout=5V, 200mA Load)
Figure 4.
Figure 5.
Load Regulation (Vout=5V)
Supply Current vs Input Voltage (No Load)
Figure 6.
Figure 7.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMR14003 LMR14006


Número de pieza similar - LMR14003XDDCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006XDDCR TI1-LMR14006XDDCR Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006XDDCT TI1-LMR14006XDDCT Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006YDDCR TI1-LMR14006YDDCR Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006YDDCT TI1-LMR14006YDDCT Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
More results

Descripción similar - LMR14003XDDCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com