Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1507S Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 2SA1507S
Descripción Electrónicos  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1507S Datasheet(HTML) 2 Page - ON Semiconductor

  2SA1507S Datasheet HTML 1Page - ON Semiconductor 2SA1507S Datasheet HTML 2Page - ON Semiconductor 2SA1507S Datasheet HTML 3Page - ON Semiconductor 2SA1507S Datasheet HTML 4Page - ON Semiconductor 2SA1507S Datasheet HTML 5Page - ON Semiconductor 2SA1507S Datasheet HTML 6Page - ON Semiconductor 2SA1507S Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SA1507 / 2SC3902
No.2101-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)120V, IE=0A
(--)1.0
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1.0
μA
DC Current Gain
hFE1VCE=(--)5V, IC=(--)100mA
100*
400*
hFE2VCE=(--)5V, IC=(--)10mA
90
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
120
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(22)14
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)500mA, IB=(--)50mA
(--0.2)0.13
(--0.5)0.45
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)500mA, IB=(--)50mA
(--)0.85
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)180
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)160
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(0.7)0.04
μs
Storage Time
tstg
(0.7)1.2
μs
Fall Time
tf
(0.04)0.08
μs
* : The 2SA1507 / 2SC3902 are classified by 100mA hFE as follows:
Rank
R
S
T
hFE
100 to 200
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA1507S
TO-126ML
200pcs./bag
Pb Free
2SA1507T
TO-126ML
200pcs./bag
2SC3902S
TO-126ML
200pcs./bag
2SC3902T
TO-126ML
200pcs./bag
INPUT
100V
50Ω
RL
100μF
470μF
--5V
IC=10IB1=--10IB2=0.7A
(For PNP, the polarity is reversed.)
+
+
VR
PW=20μs
D.C.≤1%
RB
14.3Ω
IB1
IB2
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
ITR03822
0--2
--1
--4
--3
--5
2
14
35
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
ITR03823
--40mA
--60mA
--80mA
--20mA
--10mA
--5mA
--2mA
--1mA
IB=0mA
2SA1507
2SC3902
IB=0mA
20mA
50mA
30mA
40mA
10mA
5mA
2mA
1mA


Número de pieza similar - 2SA1507S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SA1507S ONSEMI-2SA1507S Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
2SA1507S ONSEMI-2SA1507S Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
2SA1507S ONSEMI-2SA1507S Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
2SA1507S ONSEMI-2SA1507S Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
More results

Descripción similar - 2SA1507S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com