Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC6099-E Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza 2SC6099-E
Descripción Electrónicos  Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single TP/TP-FA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6099-E Datasheet(HTML) 3 Page - ON Semiconductor

  2SC6099-E Datasheet HTML 1Page - ON Semiconductor 2SC6099-E Datasheet HTML 2Page - ON Semiconductor 2SC6099-E Datasheet HTML 3Page - ON Semiconductor 2SC6099-E Datasheet HTML 4Page - ON Semiconductor 2SC6099-E Datasheet HTML 5Page - ON Semiconductor 2SC6099-E Datasheet HTML 6Page - ON Semiconductor 2SC6099-E Datasheet HTML 7Page - ON Semiconductor 2SC6099-E Datasheet HTML 8Page - ON Semiconductor 2SC6099-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SC6099
No. A0435-3/9
2.0
1.6
1.2
0.8
0.4
0.2
1.8
1.4
1.0
0.6
0
2.0
1.6
1.2
0.4
0.2
0.8
1.8
1.4
0.6
1.0
0
0.2
0.1
0
0.4
0.6
0.8
0.3
0.5
0.7
0.9
1.0
IT11125
10mA
20mA
40mA
80mA
IB=0mA
5mA
2mA
VCE=5V
0
0.2
0.4
0.6
0.8
1.2
1.0
IT11126
5
5
3
3
2
100
10
7
7
IT11119
Ta
=75
°C
--25
°C
IT11128
IC / IB=10
25°
C
3
1.0
3
5
Ta= --25°C
25°C
75°C
2
7
IC / IB=10
IT11121
Ta=75°C
25°C
--25
°C
100
1000
7
3
3
2
2
5
7
5
0.01
3
25
0.1
72
3
2
3
5
1.0
7
0.01
3
25
0.1
72
3
5
1.0
72
100
2
7
5
3
2
7
5
3
0.01
3
25
0.1
72
3
2
3
5
1.0
7
0.1
3
25
1.0
73
25
7
2
3
10
57 100
0.1
0.01
3
7
5
3
7
5
3
2
2
0.01
3
25
0.1
72
3
22
3
2
5
1.0
7
VCE=5V
IT11127
IT11118
VCE=10V
f=1MHz
60mA
0.001
2
0.01
7
5
3
2
7
5
3
2
2
0.1
7
5
3
1.0
0.1
2
25
37
10
2
5
37
IT11129
100ms
10ms
<10μs
1ms
500
μs
ICP=3A
IC=2A
100
2
5
37
DC
operation
1.0
7
5
3
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Cob -- VCB
VCE(sat) -- IC
VBE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A
A S O
Collector-to-Emitter Voltage, VCE -- V
Ta=25
°C
Single Pulse


Número de pieza similar - 2SC6099-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC6099 SANYO-2SC6099 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
logo
Inchange Semiconductor ...
2SC6099 ISC-2SC6099 Datasheet
333Kb / 3P
   isc Silicon NPN Power Transistor
More results

Descripción similar - 2SC6099-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
   Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SC4134 ONSEMI-2SC4134 Datasheet
401Kb / 9P
   Bipolar Transistor 100V, 1A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SB1216 ONSEMI-2SB1216_13 Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SD1805 ONSEMI-2SD1805 Datasheet
405Kb / 9P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC6098 ONSEMI-2SC6098 Datasheet
409Kb / 9P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com