Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1293CISQ Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADS1293CISQ
Descripción Electrónicos  ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1293CISQ Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1293CISQ Datasheet HTML 3Page - Texas Instruments ADS1293CISQ Datasheet HTML 4Page - Texas Instruments ADS1293CISQ Datasheet HTML 5Page - Texas Instruments ADS1293CISQ Datasheet HTML 6Page - Texas Instruments ADS1293CISQ Datasheet HTML 7Page - Texas Instruments ADS1293CISQ Datasheet HTML 8Page - Texas Instruments ADS1293CISQ Datasheet HTML 9Page - Texas Instruments ADS1293CISQ Datasheet HTML 10Page - Texas Instruments ADS1293CISQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
ADS1293
www.ti.com
SNAS602B – FEBRUARY 2013 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS
(1) (continued)
Unless otherwise noted, all limits are specified at TA = +25°C, +2.7V ≤ VDD ≤ +5.5V, +1.65V ≤ VDDIO ≤ MIN(+3.6V, VDD),
VREF = +2.4V, fOSC = 409.6kHz, 1µF low ESR capacitor between CVREF and GND, 0.1µF capacitor between RLDREF and
GND. Boldface limits apply for TMIN ≤ TA ≤ TMAX.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
RIGHT LEG DRIVE AMPLIFIER (RLD Amp)
VOS
Input-Referred Offset Voltage
±5
mV
CMVR
Common-Mode Voltage Range
0.5
VDD – 0.5
V
Low bandwidth mode
50
kHz
GBW
Programmable Gain Bandwidth
High bandwidth mode
200
kHz
Low bandwidth mode
25
mV/
μs
SR
Slew Rate
High bandwidth mode
90
mV/
μs
High bandwidth, Low cap-drive mode (see Table 11)
400
pF
Programmable Capacitive Load Driving
ClMAX
Capability
Low bandwidth, High cap-drive mode (see Table 11)
8
nF
Low bandwidth, Low cap-drive mode
20
36
μA
IVDD
Quiescent Power Consumption
High bandwidth, High cap-drive mode
60
91
μA
RIGHT LEG DRIVE REFERENCE
(VDD –
RLDREF
Output Voltage
Unloaded
V
VSS)/2.2
COMMON-MODE DETECTOR AMPLIFIER (CMDET Amp)
CMVR
Common-Mode Voltage Range
0.5
VDD – 0.5
V
Low bandwidth mode
50
kHz
BW
Programmable Bandwidth
High bandwidth mode
150
kHz
Low bandwidth mode
25
mV/
μs
SR
Slew Rate
High bandwidth mode
90
mV/
μs
High bandwidth mode, Low capdrive mode (see
400
pF
Table 10)
Programmable Capacitive Load Driving
ClMAX
Capability
Low bandwidth mode, High cap- drive mode (see
8
nF
Table 10)
N leads, low bandwidth mode, low cap-drive mode
21 + 3 × N
μA
IVDD
Power Consumption (Selected Leads)
N leads, high bandwidth mode, high cap-drive mode
61 + 3 × N
μA
WILSON REFERENCE CIRCUIT
IVR
Input Voltage Range
0.5
VDD – 0.5
V
BW
Bandwidth
3 buffers ON
50
kHz
SR
Slew Rate
3 buffers ON
45
mV/
μs
Ne
Noise Density
At 10Hz
60
nV/
√Hz
Input-Referred Noise for Wilson
Ve
0.1 - 200Hz, 3 buffers ON
5.5
μVPP
Reference Amp
IVDD
Power Consumption (Selected Leads)
N leads, low power mode
7 × N
μA
LEAD OFF DETECTION
Programmable: Min. code 0x01
8
nA
(See Lead-Off Detection (LOD))
IEXC
Excitation Current
Programmable: Max. code 0xFF
2040
nA
(See Lead-Off Detection (LOD))
IEXCTOL
Excitation Current Accuracy
25%
AC LOD mode, programmable, minimum
6.1
Hz
(see Analog AC Lead-Off Detect )
FEXC
Excitation Frequency
AC LOD mode, programmable, maximum
12.5
kHz
(see Analog AC Lead-Off Detect)
VTHDC
DC Lead Off Comparator Threshold
VDD – 0.5
V
VHYST
Comparator Hysteresis
DC lead off mode
55
mV
IVDD
Current Consumption
Programmed excl. excitation current
25
μA
Copyright © 2013, Texas Instruments Incorporated
7
Product Folder Links: ADS1293


Número de pieza similar - ADS1293CISQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1293CISQ TI-ADS1293CISQ Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293CISQ TI1-ADS1293CISQ Datasheet
2Mb / 78P
[Old version datasheet]   Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293CISQ/NOPB TI-ADS1293CISQ/NOPB Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293CISQE TI1-ADS1293CISQE Datasheet
2Mb / 78P
[Old version datasheet]   Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293CISQE/NOPB TI-ADS1293CISQE/NOPB Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
More results

Descripción similar - ADS1293CISQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1293 TI1-ADS1293_14 Datasheet
1Mb / 76P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI1-ADS1293 Datasheet
2Mb / 78P
[Old version datasheet]   Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com