Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24C44J Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza CAT24C44J
Descripción Electrónicos  256-Bit Serial Nonvolatile CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C44J Datasheet(HTML) 1 Page - ON Semiconductor

  CAT24C44J Datasheet HTML 1Page - ON Semiconductor CAT24C44J Datasheet HTML 2Page - ON Semiconductor CAT24C44J Datasheet HTML 3Page - ON Semiconductor CAT24C44J Datasheet HTML 4Page - ON Semiconductor CAT24C44J Datasheet HTML 5Page - ON Semiconductor CAT24C44J Datasheet HTML 6Page - ON Semiconductor CAT24C44J Datasheet HTML 7Page - ON Semiconductor CAT24C44J Datasheet HTML 8Page - ON Semiconductor CAT24C44J Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Doc. No. MD-1083, Rev. T
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
FEATURES
s Single 5V Supply
s Infinite EEPROM to RAM Recall
s CMOS and TTL Compatible I/O
s Low CMOS Power Consumption:
–Active: 3mA Max.
–Standby: 30
µA Max.
s Power Up/Down Protection
s 10 Year Data Retention
s JEDEC Standard Pinouts:
–8-lead DIP
–8-lead SOIC
s 100,000 Program/Erase Cycles (EEPROM)
s Auto Recall on Power-up
s Commercial, Industrial and Automotive
Temperature Ranges
DESCRIPTION
The CAT24C44 Serial NVRAM is a 256-bit nonvolatile
memory organized as 16 words x 16 bits. The high
speed Static RAM array is bit for bit backed up by a
nonvolatile EEPROM array which allows for easy trans-
fer of data from RAM array to EEPROM (STORE) and
from EEPROM to RAM (RECALL). STORE operations
are completed in 10ms max. and RECALL operations
typically within 1.5
µs. The CAT24C44 features unlim-
ited RAM write operations either through external RAM
writes or internal recalls from EEPROM. Internal false
PIN CONFIGURATION
store protection circuitry prohibits STORE operations
when VCC is less than 3.5V (typical) ensuring EEPROM
data integrity.
The CAT24C44 is manufactured using Catalyst’s ad-
vanced CMOS floating gate technology. It is designed to
endure 100,000 program/erase cycles (EEPROM) and
has a data retention of 10 years. The device is available
in JEDEC approved 8-lead plastic DIP and
SOIC
packages.
PIN FUNCTIONS
Pin Name
Function
SK
Serial Clock
DI
Serial Input
DO
Serial Data Output
CE
Chip Enable
RECALL
Recall
STORE
Store
VCC
+5V
VSS
Ground
SOIC Package ( V)
DI
DO
1
2
3
4
CE
SK
RECALL
VSS
VCC
STORE
8
7
6
5
1
2
3
4
8
7
6
5
CE
SK
DI
DO
VCC
RECALL
VSS
STORE
DIP Package (L)
256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44


Número de pieza similar - CAT24C44J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24C44 CATALYST-CAT24C44 Datasheet
44Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44 Datasheet
51Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44 Datasheet
87Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT24C44 ONSEMI-CAT24C44 Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44 ONSEMI-CAT24C44 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results

Descripción similar - CAT24C44J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44 ONSEMI-CAT24C44 Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
logo
Catalyst Semiconductor
CAT24C44 CATALYST-CAT24C44 Datasheet
44Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44_05 Datasheet
87Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44 Datasheet
51Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT24C44L ONSEMI-CAT24C44L Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com