Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BAS21DW5T1G Datasheet(PDF) 1 Page - ON Semiconductor

No. de Pieza. BAS21DW5T1G
Descripción  High Voltage Switching Diode
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

BAS21DW5T1G Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2012
November, 2012 − Rev. 15
1
Publication Order Number:
BAS19LT1/D
BAS19L, NSVBAS19L,
BAS20L, SBAS20L, BAS21L,
SBAS21L, BAS21DW5,
SBAS21DW5
High Voltage
Switching Diode
Features
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
S and NSV Prefixes for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC−Q101 Qualified and PPAP Capable
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
BAS19, NSVBAS19
BAS20, SBAS20
BAS21, SBAS21
VR
120
200
250
Vdc
Repetitive Peak Reverse Voltage
BAS19, NSVBAS19
BAS20, SBAS20
BAS21, SBAS21
VRRM
120
200
250
Vdc
Continuous Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
625
mAdc
Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+150
°C
Power Dissipation (Note 1)
PD
385
mW
Electrostatic Discharge
ESD
HM < 500
MM < 400
V
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Mounted on FR−5 Board = 1.0 x 0.75 x 0.062 in.
HIGH VOLTAGE
SWITCHING DIODE
5
CATHODE
1
ANODE
MARKING DIAGRAMS
http://onsemi.com
3
CATHODE
1
ANODE
4
CATHODE
3
ANODE
SOT−23 (TO−236)
CASE 318
STYLE 8
SC−88A (SOT−353)
CASE 419A
SOT−23
SC−88A
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
1
2
3
1
Jx M G
G
x
= P, R, or S
P
= BAS19L, NSVBAS19L
R
= BAS20L, SBAS20L
S
= BAS21L, SBAS21L or
BAS21DW5, SBAS21DW5
M
= Date Code
G
= Pb−Free Package
2
3
Jx M G
G
1
3
3
2
1
4
5
*Date Code orientation and/or overbar may vary
depending upon the manufacturing location.
(Note: Microdot may be in either location)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn