Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT1025 Datasheet(PDF) 1 Page - ON Semiconductor |
|
CAT1025 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 20 page CAT1024, CAT1025 © 2009 SCILLC. All rights reserved. 1 Doc. No. MD-3008 Rev. R Characteristics subject to change without notice Supervisory Circuits with I 2C Serial 2k-bit CMOS EEPROM and Manual Reset FEATURES Precision Power Supply Voltage Monitor — 5 V, 3.3 V and 3 V systems — Five threshold voltage options Active High or Low Reset — Valid reset guaranteed at VCC = 1 V 400 kHz I 2C Bus 2.7 V to 5.5 V Operation Low power CMOS technology 16-Byte Page Write Buffer Built-in inadvertent write protection — WP pin (CAT1025) 1,000,000 Program/Erase cycles Manual Reset Input 100 year data retention Industrial and extended temperature ranges Green packages available with NiPdAu Lead finished For Ordering Information details, see page 19. DESCRIPTION The CAT1024 and CAT1025 are complete memory and supervisory solutions for microcontroller-based systems. A 2k-bit serial EEPROM memory and a system power supervisor with brown-out protection are integrated together in low power CMOS techno– logy. Memory interface is via a 400 kHz I 2C bus. The CAT1025 provides a precision VCC sense circuit and two open drain outputs: one (RESET) drives high and the other (RESET ¯¯¯¯¯¯) drives low whenever VCC falls below the reset threshold voltage. The CAT1025 also has a Write Protect input (WP). Write operations are disabled if WP is connected to a logic high. The CAT1024 also provides a precision VCC sense circuit, but has only a RESET ¯¯¯¯¯¯ output and does not have a Write Protect input. The power supply monitor and reset circuit protect memory and system controllers during power up/down and against brownout conditions. Five reset threshold voltages support 5 V, 3.3 V and 3 V systems. If power supply voltages are out of tolerance reset signals become active, preventing the system microcontroller, ASIC or peripherals from operating. Reset signals become inactive typically 200 ms after the supply voltage exceeds the reset threshold level. With both active high and low reset signals, interface to microcontrollers and other ICs is simple. In addition, the RESET ¯¯¯¯¯¯ pin or a separate input, MR ¯¯¯, can be used as an input for push-button manual reset capability. The CAT1024/25 memory features a 16-byte page. In addition, hardware data protection is provided by a VCC sense circuit that prevents writes to memory whenever VCC falls below the reset threshold or until VCC reaches the reset threshold during power up. Available packages include an 8-pin PDIP and a surface mount 8-pin SO, 8-pin TSSOP, 8-pin TDFN and 8-pin MSOP packages. The TDFN package thick- ness is 0.8 mm maximum. TDFN footprint is 3 x 3 mm. |
Número de pieza similar - CAT1025 |
|
Descripción similar - CAT1025 |