Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA4537MC-BH Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza LA4537MC-BH
Descripción Electrónicos  Power Amplifier for 1.5V Headphone Stereos
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4537MC-BH Datasheet(HTML) 5 Page - ON Semiconductor

  LA4537MC-BH Datasheet HTML 1Page - ON Semiconductor LA4537MC-BH Datasheet HTML 2Page - ON Semiconductor LA4537MC-BH Datasheet HTML 3Page - ON Semiconductor LA4537MC-BH Datasheet HTML 4Page - ON Semiconductor LA4537MC-BH Datasheet HTML 5Page - ON Semiconductor LA4537MC-BH Datasheet HTML 6Page - ON Semiconductor LA4537MC-BH Datasheet HTML 7Page - ON Semiconductor LA4537MC-BH Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LA4537MC
No.A2033-5/8
THD -- PO
0.1
2
3
1
5
7
2
3
10
5
7
2
3
5
7
2
4
6
8
10
2
4
6
100
0.1
2
3
5
7
1
2
3
5
7
2
3
5
7
10
100
0.1
23
5
7
23
5
7
23
5
7
23
5
7
1
1
1.5
2
2.5
3
3.5
1
1.5
2
2.5
3
3.5
23
5 7
2 3
5 7
23
5 7
2 3
5 7
0.1
1
10
23
10
57
2
3
57
2
3
57
2
3
57
1
1
1.5
2
2.5
3
3.5
10
10
10
Output power, PO -- mW
THD -- PO
0.1
Supply voltage, VCC -- V
PO -- VCC
0
12
0.5
4
Supply voltage, VCC -- V
PO -- VCC
0
8
0.5
4
Output power, PO -- mW
2
3
5
7
2
3
5
7
1
0.4
0.6
0.8
1
Frequency, fin -- kHz
THD -- fin
0.1
10
0.01
100
Supply voltage, VCC -- V
THD -- VCC
0.2
1.2
0.5
4
50
100
150
20
40
60
80
Output power, PO -- mW/ch
Pd -- PO
0
200
1100
Output power, PO -- mW/ch
ICCOP -- PO
0
100
1
100
VCC=0.9V
VCC=1.2V
V C
C
=3
V
VCC
=1.
5V
THD=10%
THD=1%
THD=10%
THD=1%
VCC=1.2V
RL=16Ω
PO=0.5mW
RL=16Ω
fin=1kHz
RL=16Ω
RL=16Ω
fin=1kHz
RL=32Ω
fin=1kHz
VCC=1.2V
RL=32Ω
PO=0.5mW
fin=1kHz
RL=16Ω
VCC=3V
fin=1kHz
RL=16Ω


Número de pieza similar - LA4537MC-BH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
More results

Descripción similar - LA4537MC-BH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
   Power Amplifier for 1.5V Headphone Stereos?
LA4537M SANYO-LA4537M_08 Datasheet
204Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
logo
Rohm
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
   Pre / power amplifier for 1.5V headphone stereos
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
logo
Unisonic Technologies
A4533 UTC-A4533 Datasheet
112Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com