Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA72914V-TLM-H Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LA72914V-TLM-H
Descripción Electrónicos  FM Modulator and Demodulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA72914V-TLM-H Datasheet(HTML) 3 Page - ON Semiconductor

  LA72914V-TLM-H Datasheet HTML 1Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 2Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 3Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 4Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 5Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 6Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 7Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 8Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LA72914V
No.A1859-3/9
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
THD1
Same condition VOUT1. Measure T9B signal.
0
0.3
1.0
%
THD
THD2
Same condition VOUT2. Measure T9B signal.
0
0.3
1.0
%
DEEM1
Input signal: CAR=4.5MHz, DEV=
±25kHz, MOD=5kHz, Level:
100mVp-p. T5A input. T6=4.2V, M1=T9B signal level.
DEEM=20log(M1/VOUT1)
-10
-7.5
-5
dB
De-emphasis
characteristic
DEEM2
Input signal: CAR=6.5MHz, DEV=
±25kHz, MOD=5kHz, Level:
100mVp-p. T5A input. T6=0.6V, M1=T9B signal level.
DEEM=20log(M2/VOUT2)
-10
-7.5
-5
dB
TRP1
T11=4.5V, T6=4.2V, T5A=4.5MHz, 100mVp-p. T12A=A1.
T5A=6.5MHz. 100mVp-p. T12A=B1. TRP1=20log(B1/A1)
-20
-15
dB
Trap-filter
characteristic
TRP2
T11=4.5V, T6=0.6V, T5A=4.5MHz, 100mVp-p. T12A=A1.
T5A=6.5MHz. 100mVp-p. T12A=B1. TRP2=20log(A1/B1)
-20
-15
dB
AGC1
T6=4.2V. T5A=4.5MHz, 300mVp-p. Measure T12 signal level.
250
350
450
mVp-p
AGC2
T6=0.6V. T5A=6.5MHz, 300mVp-p. Measure T12 signal level.
250
350
450
mVp-p
AGC3
T6=4.2V. T5A=4.5MHz, 30mVp-p. Measure T12 signal level.
200
300
400
mVp-p
FM AGC
characteristic
AGC4
T6=0.6V. T5A=6.5MHz, 30mVp-p. Measure T12 signal level.
200
300
400
mVp-p
AGCSTP1
T6=4.2V. T11=4.5V, T5A=4.5MHZ, 100mVp-p.
Measure T12 signal level.
70
100
140
mVp-p
FM AGC STOP
characteristic
AGCSTP2
T6=0.6V. T11=4.5V, T5A=6.5MHz, 100mVp-p.
Measure T12 signal level.
70
100
140
mVp-p
FMIN1
Input signal: CAR=4.5MHz, DEV=
±25kHz, MOD=1kHz,
T6=4.2V. When T9B signal is OK, then measure T5A FM input
level range.
30
100
300
mVp-p
FM input sensitivity
FMIN2
Input signal: CAR=6.5MHz, DEV=
±25kHz, MOD=1kHz,
T6=0.6V. When T9B signal is OK, then measure T5A FM input
level range.
30
100
300
mVp-p
Package Dimensions
unit: mm (typ)
3178B
SANYO : SSOP16(225mil)
5.2
0.22
0.65
(0.33)
18
9
16
0.15


Número de pieza similar - LA72914V-TLM-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
   Monolithic Linear IC FM Modulator and Demodulator IC
More results

Descripción similar - LA72914V-TLM-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V_09 Datasheet
168Kb / 10P
   FM Modulator and Demodulator IC
LA72912V SANYO-LA72912V Datasheet
196Kb / 12P
   FM Modulator and Demodulator IC
logo
ON Semiconductor
LA72910V-TLM-E ONSEMI-LA72910V-TLM-E Datasheet
164Kb / 10P
   FM Modulator and Demodulator IC
July, 2013
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
   Monolithic Linear IC FM Modulator and Demodulator IC
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
logo
Panasonic Semiconductor
AN614 PANASONIC-AN614 Datasheet
39Kb / 3P
   Video amplifier, modulator/demodulator IC
logo
New Japan Radio
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2592 NJRC-NJM2592_1 Datasheet
297Kb / 16P
   470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
NJM2593 NJRC-NJM2593 Datasheet
266Kb / 16P
   50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com