Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC34937APEK Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

No. de pieza MC34937APEK
Descripción Electrónicos  Three Phase Field Effect Transistor Pre-driver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34937APEK Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34937APEK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34937A
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CHARGE PUMP
Charge Pump
High Side Switch On Resistance
Low Side Switch On Resistance
Regulation Threshold Difference(17), (19)
RDS(on)_HS
RDS(on)_LS
VTHREG
250
6.0
5.0
500
10
9.4
900
mV
Charge Pump Output Voltage(18), (19)
IOUT = 40 mA, 6.0 V < VSYS < 8.0 V
IOUT = 40 mA, VSYS > = 8.0 V
VCP
8.5
12
9.5
V
GATE DRIVE
High Side Driver On Resistance (Sourcing)
VPWR = VSUP = 16 V, -40 C  TA  25 C
VPWR = VSUP = 16 V, 25 C TA  125 C
RDS(ON)_H_SRC
6.0
8.5
High Side Driver On Resistance (Sinking)
VPWR = VSUP = 16 V
RDS(ON)_H_SINK
3.0
High Side Current Injection Allowed Without Malfunction(19), (20)
IHS_INJ
0.5
A
Low Side Driver On Resistance (Sourcing)
VPWR = VSUP = 16 V, -40 C  TA  25 C
VPWR = VSUP = 16 V, 25 C TA  125 C
RDS(ON)_L_SRC
6.0
8.5
Low Side Driver On-Resistance (Sinking)
VPWR = VSUP = 16 V
RDS(ON)_L_SINK
3.0
Low Side Current Injection Allowed Without Malfunction(19), (20)
ILS_INJ
0.5
Gate Source Voltage, VPWR = VSUP = 40 V
High Side, IGATE = 0
(21)
Low Side, IGATE = 0
VGS_H
VGS_L
13
13
14.8
15.4
16.5
17
V
Reverse High Side Gate Holding Voltage(22)
Gate Output Holding Current = 2.0 µA
Gate Output Holding Current = 5.0 µA, VSUP<26 V
Gate Output Holding Current = 5.0 µA, VSUP<40 V
VHS_G_HOLD
10
10
15
15
15
V
Notes
17.
When VLS is this amount below the normal VLS linear regulation threshold, the charge pump is enabled.
18.
VSYS is the system voltage on the input to the charge pump. Recommended external components: 1.0 µF MLC, MUR 120 diode.
19.
This parameter is a design characteristic, not production tested.
20.
Current injection only occurs during output switch transitions. The IC is immune to specified injected currents for a duration of
approximately 1.0 µs after an output switch transition. 1.0 µs is sufficient for all intended applications of this IC.
21.
If a slightly higher gate voltage is required, larger bootstrap capacitors are required. At high duty cycles, the bootstrap voltage may not
recover completely, leading to a higher output on-resistance. This effect can be minimized by using low ESR capacitors for the bootstrap
and the VLS capacitors.
22.
High Side Gate Holding voltage is the voltage between the Gate and Source of the high side FET when held in an on condition. The
trickle charge pump supplies bias and holding current for the High Side FET gate driver and output to maintain voltages after bootstrap
events. See Figure 11 for typical 100% high side gate voltage with a 5.0 µA load. This parameter is a design characteristic, not
production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 8.0 V
 VPWR = VSUP  40 V-40 C  TA  125 C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Número de pieza similar - MC34937APEK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC34931 FREESCALE-MC34931 Datasheet
722Kb / 25P
   34931 Industrial
MC34931EK FREESCALE-MC34931EK Datasheet
722Kb / 25P
   34931 Industrial
logo
NXP Semiconductors
MC34931EK NXP-MC34931EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC34931SEK NXP-MC34931SEK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
logo
Freescale Semiconductor...
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
More results

Descripción similar - MC34937APEK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
logo
Freescale Semiconductor...
MC33937 FREESCALE-MC33937 Datasheet
679Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
33937 FREESCALE-33937 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
MCZ33927EK FREESCALE-MCZ33927EK Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
   Pre-regulated Three Phase Gate Driver
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
   Three-phase motor pre-driver for LBP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com