Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC34937APEK Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

No. de pieza MC34937APEK
Descripción Electrónicos  Three Phase Field Effect Transistor Pre-driver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34937APEK Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC34937APEK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34937APEK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
34937A
ORDERABLE PARTS
ORDERABLE PARTS
Table 1. Orderable Part Variations
Part Number (1)
Notes
Temperature (TA)
Package
MC34937APEK
-40 to 125 °C
54 SOICW-EP
Notes
1.
To Order parts in Tape & Reel, add the R2 suffix to the part number.


Número de pieza similar - MC34937APEK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC34931 FREESCALE-MC34931 Datasheet
722Kb / 25P
   34931 Industrial
MC34931EK FREESCALE-MC34931EK Datasheet
722Kb / 25P
   34931 Industrial
logo
NXP Semiconductors
MC34931EK NXP-MC34931EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC34931SEK NXP-MC34931SEK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
logo
Freescale Semiconductor...
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
More results

Descripción similar - MC34937APEK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
logo
Freescale Semiconductor...
MC33937 FREESCALE-MC33937 Datasheet
679Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
33937 FREESCALE-33937 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
MCZ33927EK FREESCALE-MCZ33927EK Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
   Pre-regulated Three Phase Gate Driver
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
   Three-phase motor pre-driver for LBP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com