Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPSD107K010R0100 Datasheet(PDF) 6 Page - AVX Corporation |
|
TPSD107K010R0100 Datasheet(HTML) 6 Page - AVX Corporation |
6 / 11 page TPS Series Low ESR RATINGS & PART NUMBER REFERENCE Rated DCL DF ESR 100kHz RMS Current (A) 100kHz RMS Voltage (V) AVX Case Capacitance Voltage (μA) % Max. (mΩ) MSL Part No. Size (μF) (V) Max. Max. @100kHz 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC TPSC476*010#0200 C 47 10 4.7 6 200 1 0.742 0.667 0.297 0.148 0.133 0.059 TPSC476*010#0350 C 47 10 4.7 6 350 1 0.561 0.505 0.224 0.196 0.177 0.078 TPSD476*010#0100 D 47 10 4.7 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSW476*010#0125 W 47 10 4.7 6 125 1 0.849 0.764 0.339 0.106 0.095 0.042 TPSW476*010#0150 W 47 10 4.7 6 150 1 0.775 0.697 0.310 0.116 0.105 0.046 TPSW476*010#0250 W 47 10 4.7 6 250 1 0.600 0.540 0.240 0.150 0.135 0.060 TPSB686*010#0600 B 68 10 6.8 8 600 1 0.376 0.339 0.151 0.226 0.203 0.090 TPSC686*010#0080 C 68 10 6.8 6 80 1 1.173 1.055 0.469 0.094 0.084 0.038 TPSC686*010#0100 C 68 10 6.8 6 100 1 1.049 0.944 0.420 0.105 0.094 0.042 TPSC686*010#0200 C 68 10 6.8 6 200 1 0.742 0.667 0.297 0.148 0.133 0.059 TPSC686*010#0300 C 68 10 6.8 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 TPSD686*010#0100 D 68 10 6.8 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD686*010#0150 D 68 10 6.8 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 TPSY686*010#0100 Y 68 10 6.8 6 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 TPSY686*010#0200 Y 68 10 6.8 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 TPSW686*010#0100 W 68 10 6.8 6 100 1 0.949 0.854 0.379 0.095 0.085 0.038 TPSW686*010#0150 W 68 10 6.8 6 150 1 0.775 0.697 0.310 0.116 0.105 0.046 TPSB107M010#0400 B 100 10 10 8 400 1 0.461 0.415 0.184 0.184 0.166 0.074 TPSC107*010#0075 C 100 10 10 8 75 1 1.211 1.090 0.484 0.091 0.082 0.036 TPSC107*010#0100 C 100 10 10 8 100 1 1.049 0.944 0.420 0.105 0.094 0.042 TPSC107*010#0150 C 100 10 10 8 150 1 0.856 0.771 0.343 0.128 0.116 0.051 TPSC107*010#0200 C 100 10 10 8 200 1 0.742 0.667 0.297 0.148 0.133 0.059 TPSD107*010#0050 D 100 10 10 6 50 1 1.732 1.559 0.693 0.087 0.078 0.035 TPSD107*010#0065 D 100 10 10 6 65 1 1.519 1.367 0.608 0.099 0.089 0.039 TPSD107*010#0080 D 100 10 10 6 80 1 1.369 1.232 0.548 0.110 0.099 0.044 TPSD107*010#0100 D 100 10 10 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD107*010#0125 D 100 10 10 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 TPSD107*010#0150 D 100 10 10 6 150 1 1.000 0.900 0.400 0.150 0.135 0.060 TPSE107*010#0125 E 100 10 10 6 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 TPSW107*010#0150 W 100 10 10 6 150 1 0.775 0.697 0.310 0.116 0.105 0.046 TPSX107*010#0085 X 100 10 10 8 85 1 1) 1.085 0.976 0.434 0.092 0.083 0.037 TPSX107*010#0150 X 100 10 10 8 150 1 1) 0.816 0.735 0.327 0.122 0.110 0.049 TPSX107*010#0200 X 100 10 10 8 200 1 1) 0.707 0.636 0.283 0.141 0.127 0.057 TPSY107*010#0100 Y 100 10 10 6 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 TPSY107*010#0150 Y 100 10 10 6 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 TPSY107*010#0200 Y 100 10 10 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 TPSD157*010#0050 D 150 10 15 8 50 1 1.732 1.559 0.693 0.087 0.078 0.035 TPSD157*010#0085 D 150 10 15 8 85 1 1.328 1.196 0.531 0.113 0.102 0.045 TPSD157*010#0100 D 150 10 15 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSE157*010#0100 E 150 10 15 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSF157*010#0200 F 150 10 15 10 200 1 0.707 0.636 0.283 0.141 0.127 0.057 TPSX157M010#0100 X 150 10 15 6 100 1 1) 1.000 0.900 0.400 0.100 0.090 0.040 TPSY157*010#0100 Y 150 10 15 6 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 TPSY157*010#0150 Y 150 10 15 6 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 TPSY157*010#0200 Y 150 10 15 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 TPSD227*010#0050 D 220 10 22 8 50 1 1.732 1.559 0.693 0.087 0.078 0.035 TPSD227*010#0100 D 220 10 22 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD227*010#0150 D 220 10 22 8 150 1 1.000 0.900 0.400 0.150 0.135 0.060 TPSE227*010#0050 E 220 10 22 8 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 TPSE227*010#0060 E 220 10 22 8 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 TPSE227*010#0070 E 220 10 22 8 70 1 1) 1.535 1.382 0.614 0.107 0.097 0.043 TPSE227*010#0100 E 220 10 22 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSE227*010#0125 E 220 10 22 8 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 TPSE227*010#0150 E 220 10 22 8 150 1 1) 1.049 0.944 0.420 0.157 0.142 0.063 TPSY227*010#0100 Y 220 10 22 10 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 TPSY227*010#0150 Y 220 10 22 10 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 TPSY227*010#0200 Y 220 10 22 10 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 TPSD337*010#0050 D 330 10 33 8 50 1 1.732 1.559 0.693 0.087 0.078 0.035 TPSD337*010#0065 D 330 10 33 8 65 1 1.519 1.367 0.608 0.099 0.089 0.039 TPSD337*010#0100 D 330 10 33 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD337*010#0150 D 330 10 33 8 150 1 1.000 0.900 0.400 0.150 0.135 0.060 TPSE337*010#0040 E 330 10 33 8 40 1 1) 2.031 1.828 0.812 0.081 0.073 0.032 TPSE337*010#0050 E 330 10 33 8 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 TPSE337*010#0060 E 330 10 33 8 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 TPSE337*010#0100 E 330 10 33 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSV337*010#0040 V 330 10 33 10 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 TPSV337*010#0060 V 330 10 33 10 60 1 1) 2.041 1.837 0.816 0.122 0.110 0.049 11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3. Moisture Sensitivity Level (MSL) is defined according to J-STD-020. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting. For typical weight and composition see page 124. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. 35 |
Número de pieza similar - TPSD107K010R0100 |
|
Descripción similar - TPSD107K010R0100 |