Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2576D2T-015 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza LM2576D2T-015
Descripción Electrónicos  3.0 A, 15 V, Step?묭own Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576D2T-015 Datasheet(HTML) 4 Page - ON Semiconductor

  LM2576D2T-015 Datasheet HTML 1Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 2Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 3Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 4Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 5Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 6Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 7Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 8Page - ON Semiconductor LM2576D2T-015 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM2576
http://onsemi.com
4
DEVICE PARAMETERS
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V
for the 12 V version, and Vin = 30 V for the 15 V version. ILoad = 500 mA. For typical values TJ = 25°C, for min/max values TJ is the
operating junction temperature range that applies [Note 2], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
ALL OUTPUT VOLTAGE VERSIONS
Feedback Bias Current (Vout = 5.0 V Adjustable Version Only)
Ib
nA
TJ = 25°C
25
100
TJ = −40 to +125°C
200
Oscillator Frequency Note 3
fosc
kHz
TJ = 25°C
52
TJ = 0 to +125°C
47
58
TJ = −40 to +125°C
42
63
Saturation Voltage (Iout = 3.0 A Note 4)
Vsat
V
TJ = 25°C
1.5
1.8
TJ = −40 to +125°C
2.0
Max Duty Cycle (“on”) Note 5
DC
94
98
%
Current Limit (Peak Current Notes 3 and 4)
ICL
A
TJ = 25°C
4.2
5.8
6.9
TJ = −40 to +125°C
3.5
7.5
Output Leakage Current Notes 6 and 7, TJ = 25°C
IL
mA
Output = 0 V
0.8
2.0
Output = −1.0 V
6.0
20
Quiescent Current Note 6
IQ
mA
TJ = 25°C
5.0
9.0
TJ = −40 to +125°C
11
Standby Quiescent Current (ON/OFF Pin = 5.0 V (“off”))
Istby
mA
TJ = 25°C
80
200
TJ = −40 to +125°C
400
ON/OFF Pin Logic Input Level (Test Circuit Figure 15)
V
Vout = 0 V
VIH
TJ = 25°C
2.2
1.4
TJ = −40 to +125°C
2.4
Vout = Nominal Output Voltage
VIL
TJ = 25°C
1.2
1.0
TJ = −40 to +125°C
0.8
ON/OFF Pin Input Current (Test Circuit Figure 15)
mA
ON/OFF Pin = 5.0 V (“off”), TJ = 25°C
IIH
15
30
ON/OFF Pin = 0 V (“on”), TJ = 25°C
IIL
0
5.0
3. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated output
voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average dissipation of the IC by
lowering the minimum duty cycle from 5% down to approximately 2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
5. Feedback (Pin 4) removed from output and connected to 0 V.
6. Feedback (Pin 4) removed from output and connected to +12 V for the Adjustable, 3.3 V, and 5.0 V versions, and +25 V for the 12 V and
15 V versions, to force the output transistor “off”.
7. Vin = 40 V.


Número de pieza similar - LM2576D2T-015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM2576D2T-015 ONSEMI-LM2576D2T-015 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Descripción similar - LM2576D2T-015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com