Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G02GX Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74AUP1G02GX
Descripción Electrónicos  Low-power 2-input NOR gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G02GX Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP1G02GX Datasheet HTML 1Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 2Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 3Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 4Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 5Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 6Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 7Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 8Page - NXP Semiconductors 74AUP1G02GX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
74AUP1G02
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 27 June 2012
4 of 21
NXP Semiconductors
74AUP1G02
Low-power 2-input NOR gate
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP5 packages: above 87.5
°C the value of Ptot derates linearly with 4.0 mW/K.
For XSON6 and X2SON5 packages: above 118
°C the value of Ptot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 4.
Function table[1]
Input
Output
A
B
Y
LL
H
LH
L
HL
L
HH
L
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
±20
mA
ICC
supply current
-
+50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb =
−40 °C to +125 °C
[2] -250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC =0V
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V


Número de pieza similar - 74AUP1G02GX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G02GX NEXPERIA-74AUP1G02GX Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
More results

Descripción similar - 74AUP1G02GX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
74AXP1G02 NEXPERIA-74AXP1G02 Datasheet
797Kb / 17P
   Low-power 2-input NOR gate
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
logo
NXP Semiconductors
74AUP2G02 NXP-74AUP2G02 Datasheet
100Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 03-11 December 2008
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Fairchild Semiconductor
100201 FAIRCHILD-100201 Datasheet
40Kb / 4P
   Low Power 2-Input OR/NOR Gate/Inverter
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint 2-Input OR/NOR Gate
logo
Fairchild Semiconductor
100302 FAIRCHILD-100302 Datasheet
78Kb / 8P
   Low Power Quint 2-Input OR/NOR Gate
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com