Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL-4534-060E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-4534-060E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
2 / 14 page 2 The SO-8 does not require “through holes” in a PCB. This package occupies approximately one-third the footprint area of the standard dual-in-line package. The lead profile is designed to be compatible with standard surface mount processes. The HCPL-2530/0530 is for use in TTL/CMOS, TTL/LSTTL or wide bandwidth analog applications. Current transfer ratio (CTR) for the HCPL-2530/0530 is 7% minimum at IF = 16 mA. Selection Guide Widebody Minimum CMR 8-pin DIP (300 Mil) Small-Outline SO-8 (400 Mil) Hermetic Current Dual Single Dual Single Single Single and dV/dt VCM Transfer Channel Channel Channel Channel Channel Dual Channel (V/μs) (V) Ratio (%) Package Package* Package Package* Package* Packages* 1,000 10 7 HCPL-2530 6N135 HCPL-0530 HCPL-0500 HCNW135 19 HCPL-2531 6N136 HCPL-0531 HCPL-0501 HCNW136 HCPL-4502 HCPL-0452 HCNW4502 15,000 1500 19 HCPL-4534 HCPL-4503 HCPL-0534 HCPL-0453 HCNW4503 1,000 10 9 HCPL-55XX HCPL-65XX 4N55 * Technical data for these products are on separate Avago publications. The HCPL-2531/0531 is designed for high speed TTL/TTL applications. A standard 16 mA TTL sink current through the input LED will provide enough output current for 1 TTL load and a 5.6 k : pull-up resistor. CTR of the HCPL- 2531/0531 is 19% minimum at IF = 16 mA. The HCPL-4534/0534 is an HCPL-2531/0531 with increased common mode transient immunity of 15,000 V/μs minimum at VCM = 1500 V guaranteed. |
Número de pieza similar - HCPL-4534-060E |
|
Descripción similar - HCPL-4534-060E |