Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH4009 Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza MCH4009
Descripción Electrónicos  RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH4009 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MCH4009 Datasheet HTML 5Page - ON Semiconductor MCH4009 Datasheet HTML 6Page - ON Semiconductor MCH4009 Datasheet HTML 7Page - ON Semiconductor MCH4009 Datasheet HTML 8Page - ON Semiconductor MCH4009 Datasheet HTML 9Page - ON Semiconductor MCH4009 Datasheet HTML 10Page - ON Semiconductor MCH4009 Datasheet HTML 11Page - ON Semiconductor MCH4009 Datasheet HTML 12Page - ON Semiconductor MCH4009 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MCH4009
No. A0389-9/15
S Parameters (Common emitter)
VCE=3V, IC=5mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
500
0.832
-42.0
11.342
143.7
0.035
67.9
0.835
-29.1
1000
0.693
-76.2
8.817
119.7
0.057
52.4
0.646
-47.2
1500
0.581
-101.6
6.951
102.7
0.068
42.9
0.507
-58.3
2000
0.519
-119.3
5.587
90.5
0.076
37.6
0.420
-65.5
2500
0.465
-135.9
4.695
80.9
0.081
35.3
0.364
-71.4
3000
0.436
-149.0
3.997
71.6
0.085
33.3
0.327
-74.4
3500
0.422
-160.1
3.507
63.8
0.090
32.4
0.300
-77.0
4000
0.414
-169.2
3.129
56.6
0.096
31.1
0.284
-78.7
4500
0.406
-177.3
2.861
49.6
0.101
30.6
0.266
-80.3
5000
0.395
175.4
2.637
42.7
0.107
29.0
0.255
-82.3
5500
0.383
168.1
2.397
36.3
0.114
26.4
0.257
-86.0
6000
0.359
157.5
2.340
28.9
0.122
23.8
0.227
-90.3
6500
0.345
145.1
2.218
21.4
0.130
20.8
0.215
-97.8
7000
0.347
130.0
2.105
13.5
0.137
16.9
0.201
-107.2
7500
0.370
115.2
1.981
5.8
0.141
12.7
0.188
-117.5
8000
0.400
103.2
1.865
-1.8
0.145
8.7
0.168
-126.7
8500
0.444
95.1
1.756
-9.0
0.151
5.1
0.147
-137.3
9000
0.480
89.2
1.645
-16.0
0.153
0.6
0.120
-148.1
9500
0.510
85.2
1.566
-22.3
0.157
-3.0
0.093
-163.7
10000
0.531
79.9
1.507
-29.4
0.162
-7.8
0.075
165.4
10500
0.547
75.2
1.436
-36.6
0.161
-13.2
0.090
132.6
11000
0.559
65.3
1.371
-44.2
0.164
-18.6
0.122
114.0
11500
0.574
55.7
1.310
-52.0
0.167
-24.2
0.162
106.3
12000
0.608
45.4
1.242
-60.7
0.165
-31.6
0.206
99.1
12500
0.645
36.2
1.159
-68.6
0.160
-37.3
0.232
93.2
13000
0.677
29.8
1.076
-76.3
0.156
-42.6
0.252
85.4
13500
0.710
26.1
1.001
-82.9
0.154
-47.7
0.258
76.6
14000
0.729
24.4
0.939
-89.7
0.151
-52.4
0.266
64.8
14500
0.734
23.0
0.889
-95.8
0.152
-57.7
0.284
52.0
15000
0.735
21.6
0.828
-102.4
0.156
-63.5
0.310
45.1


Número de pieza similar - MCH4009

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
   UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009 Datasheet
476Kb / 15P
   UHF to X Band Low-Noise Amplifier and OSC Applications
logo
ON Semiconductor
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009_12 Datasheet
476Kb / 15P
   UHF to X Band Low-Noise Amplifier and OSC Applications
More results

Descripción similar - MCH4009

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4020 ONSEMI-MCH4020 Datasheet
367Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
logo
Central Semiconductor C...
CP317X-2N2857 CENTRAL-CP317X-2N2857 Datasheet
420Kb / 4P
   NPN - RF Transistor Die 40mA, 15 Volt
R0 8-May 2018
logo
ON Semiconductor
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5347A ONSEMI-2SC5347A Datasheet
318Kb / 8P
   RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
15GN01CA ONSEMI-15GN01CA Datasheet
296Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com