Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAB4AZNRR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CAB4AZNRR
Descripción Electrónicos  CAB4A - DDR4 Register 32-Bit 1:2 Command/Address/Control Buffer and 1:4 Differential Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CAB4AZNRR Datasheet(HTML) 1 Page - Texas Instruments

  CAB4AZNRR Datasheet HTML 1Page - Texas Instruments CAB4AZNRR Datasheet HTML 2Page - Texas Instruments CAB4AZNRR Datasheet HTML 3Page - Texas Instruments CAB4AZNRR Datasheet HTML 4Page - Texas Instruments CAB4AZNRR Datasheet HTML 5Page - Texas Instruments CAB4AZNRR Datasheet HTML 6Page - Texas Instruments CAB4AZNRR Datasheet HTML 7Page - Texas Instruments CAB4AZNRR Datasheet HTML 8Page - Texas Instruments CAB4AZNRR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DDR4 ² Memory Subsystem
PLL
Command
Address
Clock
Clock
Data
CAB4A
Data
CPU / DSP / Ethernet MCU
MEMORY
CONTROLLER
(MCH)
CAB4A
www.ti.com
SNAS630B – JULY 2013 – REVISED OCTOBER 2013
CAB4A - DDR4 Register
32-Bit 1:2 Command/Address/Control Buffer and 1:4 Differential Clock Buffer
Check for Samples: CAB4A
1
FEATURES
DESCRIPTION
The CAB4 is 32-bit 1:2 Command/Address/Control
23
DDR4RCD01 JEDEC Compliant
Buffer and 1:4 differential Clock Buffer designed for
DDR4 RDIMM and LRDIMM up to DDR4-2400
operation on DDR4 registered DIMMs with a 1.2 V
32 Bits 1-to-2 Register Outputs
VDD mode.
1-to-4 Differential Clock Buffer
All inputs are pseudo-differential using external or
1.2V Operation
internal voltage reference. All outputs are full swing
CMOS drivers optimized to drive 15 to 50
Ω effective
PLL with Internal Feedback
terminated traces in DDR4 RDIMM, LRDIMM and 3D-
Configurable Driver Strength
Stacked DIMM applications. The clock outputs,
Scalable Weak Driver
command/address outputs, control outputs, data
buffer control outputs can be enabled in groups, and
Programmable Latency
independently
driven
with
different
strengths
to
Output Driver Calibration
compensate for different DIMM net topologies. The
Address Mirroring and Inversion
DDR4 Register operates from a differential clock
(CK_t and CK_c). Inputs are registered at the
DDR4 Full-Parity Operation
crossing of CK_t going HIGH, and CK_c going LOW.
On-Chip Programmable VREF Generation
The input signals could be either re-driven to the
CA Bus Training Mode
outputs if one of the input signals DCS[n:0]_n is
driven LOW or it could be used to access device
I2C™ Interface Support
internal control registers when certain input conditions
Up to 16-Logical Ranks Support for 3DS
are met.
RDIMMs and LRDIMMs
The
device
is
characterized
in
the
operating
Up to 4 Physical Ranks Support for RDIMMs
temperature range from -40°C to 95°C.
and LRDIMMs
Figure 1. DDR4 - RDIMM Memory Subsystem
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - CAB4AZNRR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CAB400M12XM3 CREE-CAB400M12XM3 Datasheet
801Kb / 9P
   1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
logo
WOLFSPEED, INC.
CAB400M12XM3 WOLFSPEED-CAB400M12XM3 Datasheet
801Kb / 9P
   1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
Rev. -, 2019-10-31
logo
GradConn, Ltd.
CAB411RF GRADCONN-CAB411RF Datasheet
148Kb / 1P
   CABLE ASSEMBLY
Rev. 1.6
CAB411RF-0100-F1A-1-E GRADCONN-CAB411RF-0100-F1A-1-E Datasheet
148Kb / 1P
   CABLE ASSEMBLY
Rev. 1.6
CAB411RF-0100-F1A-1-S GRADCONN-CAB411RF-0100-F1A-1-S Datasheet
148Kb / 1P
   CABLE ASSEMBLY
Rev. 1.6
More results

Descripción similar - CAB4AZNRR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
   1:4 CLOCK BUFFER
Mar 2020
logo
Integrated Device Techn...
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
   1:4 CLOCK BUFFER
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
CV128 RENESAS-CV128 Datasheet
242Kb / 13P
   1-TO-12 DIFFERENTIAL CLOCK BUFFER
JUNE 29, 2007
SLG74190 RENESAS-SLG74190 Datasheet
707Kb / 22P
   1 to 19 Differential Clock Buffer
February 23, 2022
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
   1:2 DIFFERENTIAL FANOUT BUFFER
logo
Integrated Device Techn...
IDTCV145NLG8 IDT-IDTCV145NLG8 Datasheet
122Kb / 13P
   1-TO-19 DIFFERENTIAL CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com